Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1760EUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1760EUB
Description  0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1760EUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1760EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1760EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1760EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1760EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1760EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1760EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1760EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1760EUB Datasheet HTML 8Page - Maxim Integrated Products MAX1760EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX1760 is a high-efficiency, low-noise, step-up
DC-DC converter intended for use in battery-powered
wireless applications. It maintains exceptionally low qui-
escent supply current (100µA) despite its high 1MHz
operating frequency. Small external components and a
tiny 10-pin µMAX package make this device an excel-
lent choice for small hand-held applications requiring
the longest possible battery life.
The MAX1760 uses a synchronous-rectified pulse-
width-modulation (PWM) boost topology to generate
2.5V to 5.5V outputs from a wide range of input
sources, such as 1 to 3 alkaline or NiCd/NiMH cells or a
single lithium-ion (Li+) cell. Maxim's proprietary Idle-
Mode™ circuitry significantly improves efficiency at
light load currents while smoothly transitioning to fixed-
frequency PWM operation at higher load currents to
maintain excellent full-load efficiency.
Low-noise, forced PWM mode is available for applica-
tions requiring constant-frequency operation at all load
currents. The MAX1760 may also be synchronized to
an external clock to protect sensitive frequency bands
in communications equipment. Analog soft-start and
adjustable current limit permit optimization of efficiency,
external component size, and output voltage ripple.
Applications
Digital Cordless Phones
PCS Phones
Wireless Handsets
Hand-Held Instruments
Palmtop Computers
Personal Communicators
Two-Way Pagers
Features
o Up to 94% Efficiency
o 0.7V to 5.5V Input Range
o Up to 800mA Output
o Fixed 3.3V Output (or adj from 2.5V to 5.5V)
o PWM Synchronous Rectified Topology
o Low-Noise, Constant Frequency Operation (1MHz)
o 0.1µA Logic-Controlled Shutdown
o Synchronizable Switching Frequency
o Adjustable Current Limit
o Adjustable Soft-Start
o 10-Pin µMAX Package
0.8A, Low-Noise, 1MHz,
Step-Up DC-DC Converter
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
POUT
LX
PGND
FB
GND
REF
ISET
MAX1760
µMAX
TOP VIEW
CLK/SEL
OUT
ON
PGND
FB
GND
POUT
LX
ISET
OUT
REF
CLK/SEL
INPUT = 0.7V
TO VOUT
VOUT = 3.3V,
800mA
ON
MAX1760
Typical Operating Circuit
19-1660; Rev 1; 1/01
PART
MAX1760EUB
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
10 µMAX
EVALUATION
KIT
AVAILABLE
Idle Mode is a trademark of Maxim Integrated Products.
Pin Configuration
Ordering Information
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1760EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1760EUB MAXIM-MAX1760EUB Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
More results

Similar Description - MAX1760EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1763 MAXIM-MAX1763_11 Datasheet
660Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com