Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2800D Datasheet(PDF) 5 Page - International Rectifier

Part # ATR2800D
Description  HYBRID - HIGH RELIABILITY DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2800D Datasheet(HTML) 5 Page - International Rectifier

  ATR2800D_15 Datasheet HTML 1Page - International Rectifier ATR2800D_15 Datasheet HTML 2Page - International Rectifier ATR2800D_15 Datasheet HTML 3Page - International Rectifier ATR2800D_15 Datasheet HTML 4Page - International Rectifier ATR2800D_15 Datasheet HTML 5Page - International Rectifier ATR2800D_15 Datasheet HTML 6Page - International Rectifier ATR2800D_15 Datasheet HTML 7Page - International Rectifier ATR2800D_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
ATR28XXD Series
T
CASE = -55°C to +125°C, VIN = +28V ± 5% unless otherwise specified
Specifications
Notes to Specifications
1. Above +125
°C case temperature, derate output power linearly to 0 at +135°C case.
2. Recovery time is measured from the initiation of the input transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
3. Turn-on delay time measurement is for either an application of power at the input or a signal at the inhibit pin.
4. Load current split equally between +V
OUT and –VOUT.
5. Up to 90% of Full Power is available from either output provided. The total power output does not exceed 30W.
6. 3W load on output under test, 3W to 27W on other output.
7. Sync. Input signal: V
IL = -0.5V Min, 0.8V Max and VIN = 2.5V Min, 11.5V Max for 10% to 90% duty cycle.
Input voltage
-0.5V to +50VDC
Power Output
Internally limited, 36W typical
Soldering temperature
300°C for 10 seconds
Recommended Operating temperature
-55°C to +125°C
Maximum Operating temperature
-55°C to +135°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
Temperature Range1
ATR2812D/CH
ATR2815D/CH
PARAMETER
Condition
-55°C ≤ TC ≤ +125°C, VIN = 28 VDC
±5%, CL=0, unless otherwise
specified
Min
Typ
Max
Min
Typ
Max
Units
STATIC CHARACTERISTICS
OUTPUT
VIN = 16 to 40 VDC
Voltage
IOUT = 0 to Full Load
±11.76
±12.00
±12.24
±14.70
±15
±15.30
VDC
Current 5
0.0
±1.25
0.0
±1.0
ADC
Ripple
Full Load, 20KHz to 2MHz
40
85
40
85
mV p-p
Accuracy
TCASE = 25°C, Full Load
±11.88
±12.00
±12.12
±14.85
±15.00
±15.15
VDC
Power1
30
30
W
REGULATION
Line4
Load4
VIN = 16 to 40 VDC
IOUT = 0 to Full Load
75
120
75
150
mV
mV
CROSS REGULATION6
VIN = 16, 28, and 40 VDC
±5
±5
%
INPUT
Voltage Range
Current
Ripple Current
No Load, pin 2 = open
Inhibited, pin 2 tied to pin 10
Full Load
16
28
25
40
75
18
50
16
28
18
25
40
75
18
50
VDC
mADC
mADC
mA p-p
EFFICIENCY
Full Load TC = +25°C
80
82
79
82
%
ISOLATION
Input to output @500 VDC
100
100
M
CAPACITIVE LOAD
No effect on performance
TC = +25°C (total for both outputs)
100
100
µF
Load Fault Power Dissipation
Short Circuit
Overload, TC = +25°C
9.0
14
9.0
14
W
W
Switching Frequency
IOUT = Full Load
500
600
500
600
KHz
SYNC Frequency Range7
500
700
500
700
KHz
DYNAMIC CHARACTERISTICS
Step Load Changes
Output4
Transient
Recovery 2
50% Load to 100% Load
No Load to 50% Load
50% Load to 100% Load
No Load to 50% Load
50% Load to No Load
±100
±250
25
500
3.0
±450
±760
70
1500
5.0
±100
±250
25
500
3.0
±450
±750
70
1500
5.0
mVpk
mVpk
µs
µs
ms
Step Line Changes
Output
Transient
Recovery 2
Input step 16 to 40 VDC
Input step 40 to 16 VDC
Input step 16 to 40 VDC
Input step 40 to 16 VDC
±180
-600
5.0
5.0
1200
-1500
10
10
±180
-600
5.0
5.0
1500
-1500
10
10
mVpk
mVpk
ms
ms
TURN-ON
Overshoot
Delay3
VIN = 16 to 40 VDC
IOUT = 0 to Full Load
0.0
14
600
25
0.0
14
600
25
mVpk
ms
Load Fault Recovery
VIN = 16 to 40 VDC
14
25
14
25
ms


Similar Part No. - ATR2800D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR2800D IRF-ATR2800D Datasheet
275Kb / 8P
   HYBRID - HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - ATR2800D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com