Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2800T Datasheet(PDF) 1 Page - International Rectifier

Part # ATR2800T
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2800T Datasheet(HTML) 1 Page - International Rectifier

  ATR2800T Datasheet HTML 1Page - International Rectifier ATR2800T Datasheet HTML 2Page - International Rectifier ATR2800T Datasheet HTML 3Page - International Rectifier ATR2800T Datasheet HTML 4Page - International Rectifier ATR2800T Datasheet HTML 5Page - International Rectifier ATR2800T Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
08/06/07
www.irf.com
1
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
ATR28XXT SERIES
Description
n 30W Output Power
n Flexible Output Loading
n -55°C to +125°C Operation
n Pin Compatible with ATO
n 0.410” Maximum Height
n 16V to 40VDC Input Range
n 500V Input to Output Isolation
n High Audio Rejection
n MIL-STD-704 Compatible
n Load Fault Protection - Short Circuit and
Overload
n TTL level Compatible Synchronization
n Standard Microcircuit Drawings Available
Features
ATR
28V Input, Triple Output
The ATR28XXT Series of DC/DC converters provide
30W of output power over the full military temperature
range with no derating. These devices are pin
compatible with the ATO series converters but offer
twice the maximum output power in a lower profile
package. A custom CMOS ASIC pulse width modulator
operating at a nominal switching frequency of 550KHz
combined with a unique magnetic feedback reduces
circuit complexity for enhanced reliability. These
converters provide 500V input to output isolation and
operate in highly efficient single forward mode.
The advanced feedback design and high operating
frequency provide an extremely wide bandwidth control
loop with high gain and phase margin. This results in
fast dynamic line and load response as well as superior
audio rejection. The control loop is compensated to
provide optimum performance over the full military
temperature range and over the 16V to 40V input voltage
range.
These converters are protected against both continuous
output short circuits and output overload. Either load
fault condition will result in operating in a low power
dissipation foldback mode. The converters will shut
down for approximately 15ms, then attempt to restart.
This cycle will continue indefinitely unless the load fault
is corrected. Recovery to normal operation is automatic
upon removal of the load fault.
Manufactured in a facility full qualified to MIL-PRF-38534,
these converters are fabricated utilizing DSCC qualified
processes. For available screening options, refer to
device screening table in the data sheet. Variations in
electrical, mechanical and screening can be limited
accomodated. Contact IR Santa Clara with specific
requirements.
PD-94551D


Similar Part No. - ATR2800T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR2800D IRF-ATR2800D Datasheet
275Kb / 8P
   HYBRID - HIGH RELIABILITY DC-DC CONVERTER
ATR2800D IRF-ATR2800D Datasheet
275Kb / 8P
   HYBRID - HIGH RELIABILITY DC-DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
   HYBRID - HIGH RELIABILITY DC-DC CONVERTER
ATR2800S IRF-ATR2800S Datasheet
288Kb / 12P
   HYBRID - HIGH RELIABILITY DC-DC CONVERTER
ATR2800S IRF-ATR2800S_15 Datasheet
288Kb / 12P
   HYBRID - HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - ATR2800T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com