Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1765 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1765
Description  800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1765 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1765 Datasheet HTML 7Page - Maxim Integrated Products MAX1765 Datasheet HTML 8Page - Maxim Integrated Products MAX1765 Datasheet HTML 9Page - Maxim Integrated Products MAX1765 Datasheet HTML 10Page - Maxim Integrated Products MAX1765 Datasheet HTML 11Page - Maxim Integrated Products MAX1765 Datasheet HTML 12Page - Maxim Integrated Products MAX1765 Datasheet HTML 13Page - Maxim Integrated Products MAX1765 Datasheet HTML 14Page - Maxim Integrated Products MAX1765 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
less power. SKIP mode allows higher efficiency than
PWM under light-load conditions.
Light-Load Operation in Normal Mode
At light loads, the MAX1765 operates by turning on the
DC-DC converter’s N-channel field-effect transistor
(FET) when VFB < VREF, synchronized with the rising
edge of the oscillator. The N-channel FET will remain
on, ramping up the inductor current past the minimum
inductor current, until the internal error amplifier and
current mode circuitry determine that the needs of the
system have been met or the device hits the ISET cur-
rent limit. The N-channel is then turned off and the P-
channel is turned on until current decays to the
P-channel turn-off current level. The N-channel will
remain off until VFB is again less than VREF, and a rising
edge of the oscillator occurs.
800mA, Low-Noise, Step-Up DC-DC Converter
with 500mA Linear Regulator
______________________________________________________________________________________
11
2.15V
ON
OUTL
POUT
LX
PGND
REF
SHUTDOWN
LOGIC
THERMAL
SENSOR
MAX1765
ERROR
AMP
STARTUP
OSCILLATOR
EN
Q
P
P
N
MOSFET DRIVER
WITH CURRENT
LIMITING
EN
1MHz
OSCILLATOR
EN
D
OSC
MODE
SKIP/PWM
Q
Q
IFB
PWM
CONTROLLER
RDY
1.250V
REFERENCE
IC PWR
IREF
ICS
FBL
OUT
VOUT
ONL
INL
ONB
GND
ONA
VOUT - 300mV
ISET
ONL
REF
CLK/SEL
FB
TRACK
TRACK
ISET
Figure 1. Functional Diagram
Table 1. Selecting the Operating Mode
CLK/SEL
MODE
FEATURES
0
Normal
Operation
High-efficiency pulse
skipping at light loads,
PWM at medium and
heavy loads
1
Forced PWM
Low noise, fixed
frequency at all loads
External Clock
500kHz to
1.2MHz
Synchronized
PWM
Low noise, fixed
frequency at all loads


Similar Part No. - MAX1765

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
208Kb / 7P
   Both Outputs Are Adjustable with External Resistors
Rev 0; 12/00
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
   60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
MAX1765EEE MAXIM-MAX1765EEE Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765EUE MAXIM-MAX1765EUE Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
More results

Similar Description - MAX1765

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
   Low Noise, Step-Up PWM DC/DC Converter
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com