Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS7081 Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS7081
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7081 Datasheet(HTML) 4 Page - International Rectifier

  AUIPS7081_15 Datasheet HTML 1Page - International Rectifier AUIPS7081_15 Datasheet HTML 2Page - International Rectifier AUIPS7081_15 Datasheet HTML 3Page - International Rectifier AUIPS7081_15 Datasheet HTML 4Page - International Rectifier AUIPS7081_15 Datasheet HTML 5Page - International Rectifier AUIPS7081_15 Datasheet HTML 6Page - International Rectifier AUIPS7081_15 Datasheet HTML 7Page - International Rectifier AUIPS7081_15 Datasheet HTML 8Page - International Rectifier AUIPS7081_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AUIPS7081(R)(S)
www.irf.com
4
Static Electrical Characteristics
Tj=-40..150°C, Vcc=6..35V (unless otherwise specified), typical values are given for Vcc=14V and Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Rds(on)
ON state resistance Tj=25°C
55
70
m
Vin=5V, Iout=2A
ON state resistance Tj=150°C
100
130
Vin=5V, Iout=2A
ON state resistance Tj=25°C, Vcc=6.5V
60
80
Vin=5V, Iout=2A
Vcc op.
Operating voltage range
6
35
V
V clamp
Vcc to Out clamp voltage
63
70
Iout=30mA (see Fig. 1)
Vf
Body diode forward voltage
1
1.4
Iout= 2.5A
Icc Off
Supply current when Off Tj=25°C
2.5
10
µA
Vin=0V, Vout=0V
Icc On
Supply current when On
2.5
4
mA
Vin=5V, Vcc=14V
Iout@0V
Output leakage current
2.5
10
µA
Vout=0V
Iout@6V
Output leakage current
20
Vout=6V
Idg leakage
Diagnostic output leakage current
10
Vdg=5.5V
Vdgl
Low level diagnostic output voltage
0.1
0.3
V
Idg=1.6mA
Vih
Input high threshold voltage
2.5
3.5
Vil
Input low threshold voltage
1
2
In hys
Input hysteresis
0.05
0.5
1
UV high
Under voltage high threshold voltage
5
6.2
UV low
Under voltage low threshold voltage
3
4.5
5.9
UV hys
Under voltage hysteresis
0.1
0.5
1.5
Iin On
Input current when device is On
40
80
µA
Vin=5V
Switching Electrical Characteristics
Vcc=14V, Resistive load=6
, Vin=5V, Tj=-40°C..150°C, typical values are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time
16
45
µs
See Fig. 3
Tr1
Rise time to Vout=Vcc-5V
10
50
Tr2
Rise time to Vout=0.9 x Vcc
20
100
dV/dt (On)
Turn On dV/dt
0.8
3
V/µs
EOn
Turn On energy
100
µJ
Tdoff
Turn-off delay time
25
50
µs
Tf
Fall time to Vout=0.1 x Vcc
7.5
25
dV/dt (Off)
Turn Off dV/dt
1.6
3.5
V/µs
EOff
Turn Off energy
25
µJ
Tdiag
Vout to Vdiag propagation delay
15
µs
See Fig. 4 and Fig. 12


Similar Part No. - AUIPS7081_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7081 INFINEON-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
July 17, 2014 revision E
More results

Similar Description - AUIPS7081_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com