Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AYM-60 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # AYM-60
Description  CE Marking with EMC and LVD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AYM-60 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  AYM-60 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AYM-60 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AYM-60 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AYM-60 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AYM-60 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AYM-60 SERIES
AC/DC Power Module 60W, Industrial & Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:5
Page 3 of 5
Notes
1
This product is not designed for use in critical life support systems, equipment used in hazardous environment, nuclear control systems or other
such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
2
Specifications typical at Ta=+25℃, resistive load, 115VAC, 60Hz input voltage, after warm-up time rated output current unless otherwise noted.
3
Ripple & Noise of PCB mounting type measured with a 0.1μF/50V MLCC and a 1μF/50V Aluminum electrolytic.
4
Safety approvals cover frequency 47-63 Hz.
5
We recommend to protect the converter by a slow blow fuse in the input supply line.
6
Other input and output voltage may be available, please contact factory.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications are subject to change without notice.
Package Specifications PCB Mounting
Mechanical Dimensions
Pin Connections
Pin
Function
1
AC (N)
2
AC (L)
4
+Vout
6
-Vout
All dimensions in mm (inches)
Tolerance: ±1.0 (±0.04)
Pin diameter 1.0 ±0.1 (0.04±0.004)
Physical Characteristics
Case Size
:
88.9x67.5x34.2mm (3.50x2.66x1.35 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
360g
Mounting M4 Thread
4
6
1
2
Bottom View
25.4 [1.00]
55.88 [2.20]
67.5 [2.66]
6.0 [0.24]
0.7 [0.03]
34.2 [1.35]
17.75
[0.70]


Similar Part No. - AYM-60

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AYM-60S051 MINMAX-AYM-60S051 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
AYM-60S12 MINMAX-AYM-60S12 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
AYM-60S15 MINMAX-AYM-60S15 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
AYM-60S24 MINMAX-AYM-60S24 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
AYM-60S48 MINMAX-AYM-60S48 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
More results

Similar Description - AYM-60

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AJM-24 MINMAX-AJM-24 Datasheet
556Kb / 5P
   CE Marking with EMC and LVD
APM-40 MINMAX-APM-40 Datasheet
555Kb / 5P
   CE Marking with EMC and LVD
logo
Laird Tech Smart Techno...
POE-PS-150-001 LSTD-POE-PS-150-001 Datasheet
275Kb / 1P
   FCC and CE approved
logo
List of Unclassifed Man...
Q12 ETC2-Q12 Datasheet
179Kb / 2P
   UL8750 and CE compliant
logo
Laird Tech Smart Techno...
POE-48ID LSTD-POE-48ID Datasheet
760Kb / 2P
   FCC and CE approved
logo
Texas Instruments
UCC5642 TI1-UCC5642 Datasheet
502Kb / 12P
[Old version datasheet]   LVD-ONLY SCSI TERMINATOR WITH REGULATOR AND SPI-3 DELAY
logo
M/A-COM Technology Solu...
ODS-844-0001 MA-COM-ODS-844-0001 Datasheet
140Kb / 1P
   digital marking and polarity symbol
OD-S-1082 MA-COM-OD-S-1082 Datasheet
110Kb / 1P
   digital marking and polarity symbol
OD-S-1027 MA-COM-OD-S-1027 Datasheet
86Kb / 1P
   digital marking and polarity symbol
ODS-1038 MA-COM-ODS-1038 Datasheet
99Kb / 1P
   digital marking and polarity symbol
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com