Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1773 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1773
Description  Power Source Selector for Dual-Battery Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1773 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1773 Datasheet HTML 5Page - Maxim Integrated Products MAX1773 Datasheet HTML 6Page - Maxim Integrated Products MAX1773 Datasheet HTML 7Page - Maxim Integrated Products MAX1773 Datasheet HTML 8Page - Maxim Integrated Products MAX1773 Datasheet HTML 9Page - Maxim Integrated Products MAX1773 Datasheet HTML 10Page - Maxim Integrated Products MAX1773 Datasheet HTML 11Page - Maxim Integrated Products MAX1773 Datasheet HTML 12Page - Maxim Integrated Products MAX1773 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
_______________________________________________________________________________________
9
Power Source Selector for
Dual-Battery Systems
Pin Description
PIN
NAME
FUNCTION
1
BATA
Battery A Connection
2
THMA
Thermistor A Input
3
CHGA
Open-Drain Gate Driver for Charge Path MOSFET to Battery A
4
DISA
Gate Driver for Discharge Path MOSFET to Battery A. Switches from VEXTLD to (VEXTLD - 9.5V).
5
COMA
Gate Driver for Common Path MOSFET to Battery A. Switches from VBATA to (VBATA - 9.5V).
6
GND
Ground
7
MINV
Minimum Operating Voltage Set Point. The battery voltage switchover set point is 5
× VMINV.
8
EXTLD
External Load Connection. Source connection for the PDS, DISA, and DISB MOSFETs.
9
PDS
Gate Driver for the AC Adapter MOSFET
10
ACDET
AC Adapter Detection Input
11
BATSTAT
Open-Drain Battery Status Output. Use a pullup resistor to the system logic supply.
12
ACPRES
Open-Drain AC Presence Output. Use a pullup resistor to the system logic supply.
13
BATSEL
Battery Select Digital Input. Selects which battery to charge or discharge.
14
TCOMP
Externally Set Thermistor Trip Point. Sets the thermistor voltage level for detecting the battery’s
presence.
15
VDD
Linear Regulator Output
16
COMB
Gate Driver for Common Path MOSFET to Battery B. Switches from VBATB to (VBATB - 9.5V).
17
DISB
Gate Driver for Discharge Path MOSFET to Battery B. Switches from VEXTLD to (VEXTLD - 9.5V).
18
CHGB
Open-Drain Gate Driver for Charge Path MOSFET to Battery B
19
THMB
Thermistor B Input
20
BATB
Battery B Connection


Similar Part No. - MAX1773

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
MAX17702 MAXIM-MAX17702 Datasheet
1Mb / 35P
   4.5V to 60V, Synchronous Step-Down LeadAcid Battery Charger Controller
Rev 0; 4/21
MAX17702EVKITA MAXIM-MAX17702EVKITA Datasheet
1Mb / 15P
   MAX17702 in 13.8V Lead-Acid Battery Charger Application
Rev 0; 4/21
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
   MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
More results

Similar Description - MAX1773

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1538 MAXIM-MAX1538 Datasheet
495Kb / 22P
   Power-Source Selector for Dual-Battery Systems
Rev 0; 1/04
logo
Intersil Corporation
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
   PowerPath Controller for Dual Battery Systems
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
   PowerPath Controller for Dual Battery Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com