Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1774 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1774
Description  Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1774 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1774 Datasheet HTML 1Page - Maxim Integrated Products MAX1774 Datasheet HTML 2Page - Maxim Integrated Products MAX1774 Datasheet HTML 3Page - Maxim Integrated Products MAX1774 Datasheet HTML 4Page - Maxim Integrated Products MAX1774 Datasheet HTML 5Page - Maxim Integrated Products MAX1774 Datasheet HTML 6Page - Maxim Integrated Products MAX1774 Datasheet HTML 7Page - Maxim Integrated Products MAX1774 Datasheet HTML 8Page - Maxim Integrated Products MAX1774 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MAX1774 is a complete power-supply solution for
PDAs and other hand-held devices. It integrates two
high-efficiency step-down converters, a boost converter
for backup battery regulation, and four voltage detec-
tors in a small 32-pin QFN or 28-pin QSOP package.
The MAX1774 accepts inputs from +2.7V to +28V and
provides an adjustable main output from 1.25V to 5.5V
at over 2A. The secondary core converter delivers an
adjustable voltage from 1V to 5V and can deliver up to
1.5A. Both the main and core regulators have separate
shutdown inputs.
When the AC adapter power is removed, an external P-
channel MOSFET switches input to the main battery.
When the main battery is low, the backup step-up con-
verter sustains the main output voltage. When the back-
up battery can no longer deliver the required load, the
system shuts down safely to prevent damage. Four on-
board voltage detectors monitor the status of the AC
adapter power, main battery, and backup battery.
The MAX1774 evaluation kit is available to help reduce
design time.
________________________Applications
Hand-Held Computers
PDAs
Internet Access Tablets
POS Terminals
Subnotebooks
Features
o Dual, High-Efficiency, Synchronous-Rectified
Step-Down Converters
o Thin, Small (1mm High) QFN Package
o Step-Up Converter for Backup Battery
o Main Power
Adjustable from +1.25V to +5.5V
Over 2A Load Current
Up to 95% Efficiency
o Core Power
Adjustable from 1V to 5V
Internal Switches
Up to 1.5A Load Current
Up to 91% Efficiency
o Automatic Main Battery Switchover
o 100% (max) Duty Cycle
o Up to 1.25MHz Switching Frequency
o Input Voltage Range from +2.7V to +28V
o Four Low-Voltage Detectors
o 170µA Quiescent Current
o 8µA Shutdown Current
o Digital Soft-Start
o Independent Shutdown Inputs
Dual, High-Efficiency, Step-Down
Converter with Backup Battery Switchover
________________________________________________________________ Maxim Integrated Products
1
17
18
19
20
21
22
23
N.C.
GND
GND
GND
GND
FBM
CS+
CS-
FBC
GND
INC
8
7
6
5
4
3
2
CVH
PDRV
IN
CVL
NDRV
PGND
PGNDC
MAX1774
32 7mm x 7mm QFN
1
MDRV
24
ACO
TOP VIEW
Pin Configurations
19-1810; Rev 1; 1/02
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1774EEI
-40°C to +85°C
28 QSOP
MAX1774EMJ
-40°C to +85°C
32 7mm x 7mm QFN
AC
ADAPTER
MAIN
BATTERY
BACKUP
BATTERY
MAIN (+3.3V)
CORE (+1.8V)
AC OK
LOW MAIN BATTERY
DEAD MAIN BATTERY
MAX1774
Functional Diagram
Pin Configurations continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1774

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774 Datasheet
181Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 2; 12/03
MAX1774 MAXIM-MAX1774 Datasheet
568Kb / 21P
   Dual, High-Efficiency, Step-Down
2003
MAX1774EEI MAXIM-MAX1774EEI Datasheet
568Kb / 21P
   Dual, High-Efficiency, Step-Down
2003
MAX1774EGJ MAXIM-MAX1774EGJ Datasheet
568Kb / 21P
   Dual, High-Efficiency, Step-Down
2003
MAX1774EVKIT MAXIM-MAX1774EVKIT Datasheet
181Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 2; 12/03
More results

Similar Description - MAX1774

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1346 AMSCO-AS1346 Datasheet
657Kb / 16P
   Dual Step-Down Converter with Battery Monitoring
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
logo
TOKO, Inc
TK654XX TOKO-TK654XX Datasheet
762Kb / 28P
   STEP-DOWN CONVERTER WITH BATTERY MONITOR
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774_V01 Datasheet
568Kb / 21P
   Dual, High-Efficiency, Step-Down
2003
logo
BCD Semiconductor Manuf...
AUR9707 BCDSEMI-AUR9707 Datasheet
796Kb / 15P
   Dual High-efficiency PWM Step-down DC-DC Converter with OVP
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com