Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1775 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1775
Description  Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1775 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1775 Datasheet HTML 7Page - Maxim Integrated Products MAX1775 Datasheet HTML 8Page - Maxim Integrated Products MAX1775 Datasheet HTML 9Page - Maxim Integrated Products MAX1775 Datasheet HTML 10Page - Maxim Integrated Products MAX1775 Datasheet HTML 11Page - Maxim Integrated Products MAX1775 Datasheet HTML 12Page - Maxim Integrated Products MAX1775 Datasheet HTML 13Page - Maxim Integrated Products MAX1775 Datasheet HTML 14Page - Maxim Integrated Products MAX1775 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Dual-Output Step-Down
DC-DC Converter for PDA/Palmtop Computers
______________________________________________________________________________________
11
Regulation Control Scheme
The MAX1775 has a unique operating scheme that
allows PWM operation at medium and high current, with
automatic switching to pulse-skipping mode at lower
currents to improve light-load efficiency. Figure 2
shows a simplified block diagram.
Under medium- and heavy-load operation, the inductor
current is continuous and the part operates in PWM
mode. In this mode, the switching frequency is set by
either the minimum on-time or the minimum off-time,
depending on the duty cycle. The duty cycle is approx-
imately the output voltage divided by the input voltage.
If the duty cycle is less than 50%, the minimum on-time
controls the frequency; and the frequency is approxi-
mately f
≈ 2.5MHz D, where D is the duty cycle. If the
duty cycle is greater than 50%, the minimum off-time
sets the frequency; and the frequency is approximately
f
≈ 2.5MHz (1 - D).
In both cases, the voltage is regulated by the error
comparator. For low duty cycles (<50%), the P-channel
MOSFET turns on for the minimum on-time, causing
fixed-on-time operation. During the P-channel MOSFET
on-time, the output voltage rises. Once the P-channel
MOSFET turns off, the voltage drops to the regulation
threshold, at which time another cycle is initiated. For
high duty cycles (>50%), the P-channel MOSFET
remains off for the minimum off-time, causing fixed off-
time operation. In this case, the P-channel MOSFET
remains on until the output voltage rises to the regula-
tion threshold. Then the P-channel MOSFET turns off for
the minimum off-time, initiating another cycle.
By switching between fixed on-time and fixed off-time
operation, the MAX1775 can operate at high input-out-
put ratios, yet still operate up to 100% duty cycle for
low dropout. Note that when operating in fixed on-time,
the minimum output voltage is regulated; but in fixed
off-time operation, the maximum output voltage is regu-
lated. Thus, as the input voltage drops below approxi-
mately twice the output voltage, a decrease in line
regulation can be expected. The drop in voltage is
approximately VDROP
≈ VRIPPLE. At light output loads,
the inductor current is discontinuous, causing the
MAX1775 to operate at lower frequencies, reducing the
MOSFET gate drive and switching losses. In discontin-
uous mode, under most circumstances, the on-time will
be a fixed minimum of 400ns.
The MAX1775 features four separate current-limit
threshold detectors and a watchdog timer for each of
its step-down converters. In addition to the more com-
mon peak current detector and zero crossing detector,
each converter also provides a valley current detector
(IVALLEY) and a minimum current detector (IMIN). IVALLEY
is used to force the inductor current to drop to a lower
level after hitting peak current before allowing the P-
channel MOSFET to turn on. This is a safeguard against
inductor current significantly overshooting above the
peak current when the inductor discharges too slowly
when VOUT/L is small. IMIN is useful in ensuring that a
minimum current is built up in the inductor before turn-
ing off the P-channel MOSFET. This helps the inductor
to charge the output near dropout when dI/dt is small
(because (VIN - VOUT) / L is small) to avoid multiple
PSW
NON
PON
VO
NSW
NONOVERLAP
PROTECTION
Q
S
R
S
R
Q
TONMIN
TOFFMIN
VVALLEY
VCLM
VZERO
FB
VREF
VMIN
CS+
CS-
VIN
PON
Figure 2. Simplified Control System Block Diagram


Similar Part No. - MAX1775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775 Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
MAX1775EEE MAXIM-MAX1775EEE Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
MAX1775 MAXIM-MAX1775_09 Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
More results

Similar Description - MAX1775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775_09 Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Micro Linear Corporatio...
ML4866 MICRO-LINEAR-ML4866 Datasheet
248Kb / 8P
   3.3V Output DC-DC Step-Down Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com