Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKZI20 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MKZI20
Description  vibration and thermal shock meets en61373
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKZI20 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MKZI20 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKZI20 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKZI20 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKZI20 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKZI20 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKZI20 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKZI20 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKZI20 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MKZI20 SERIES
DC/DC CONVERTER 20W, Reinforced Insulation, Railway Standard
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/03/23 P6
Page 4 of 8
®
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MKZI20-48S12, 48S15, 48S24 Derating Curve without Heatsink
MKZI20-48S12, 48S15, 48S24 Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MKZI20-24S12, 24S15, 24S24 Derating Curve without Heatsink
MKZI20-24S12, 24S15, 24S24 Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MKZI20-110S12, 110S15 Derating Curve without Heatsink
MKZI20-110S12, 110S15 Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MKZI20-24S05, 48S05, 110S24 Derating Curve without Heatsink
MKZI20-24S05, 48S05, 110S24 Derating Curve with Heatsink


Similar Part No. - MKZI20

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKZI10 MINMAX-MKZI10 Datasheet
692Kb / 8P
   vibration and thermal shock meets en61373
More results

Similar Description - MKZI20

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKZI10 MINMAX-MKZI10 Datasheet
692Kb / 8P
   vibration and thermal shock meets en61373
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
Richco, Inc.
SVF-1 RICHCO-SVF-1 Datasheet
75Kb / 1P
   SHOCK AND VIBRATION FOOT
logo
TEMEX
RSX-5 TEMEX-RSX-5 Datasheet
477Kb / 5P
   Excellent shock and vibration performance
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
   High shock and vibration resistance
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
logo
Marl International Limi...
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
   Durable to shock and vibration
255-501-64-38 MARL-255-501-64-38_14 Datasheet
277Kb / 5P
   Durable to shock and vibration
logo
TEMEX
RSX-10 TEMEX-RSX-10 Datasheet
551Kb / 5P
   Excellent shock and vibration performance
RSX-8 TEMEX-RSX-8 Datasheet
1Mb / 10P
   Excellent shock and vibration performance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com