Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1775EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1775EEE
Description  Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1775EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1775EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
100
0
1
10
100
1000
10,000
MAIN OUTPUT EFFICIENCY vs. LOAD
20
LOAD (mA)
40
60
80
70
50
30
10
90
VIN = +12V
VIN = +15V VIN = +18V
VIN = +5V
VIN = +3.3V
90
0
1
1000
100
10
CORE OUTPUT EFFICIENCY vs. LOAD
30
10
70
50
100
40
20
80
60
LOAD (mA)
VINC = +3.3V
VINC = +5V
VINC = +2.7V
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
VREF ACCURACY vs. TEMPERATURE
TEMPERATURE (°C)
Typical Operating Characteristics
(Circuit of Figure 1, VMAIN = +3.3V, VCORE = +1.8V, TA = +25°C, unless otherwise noted.)
Dual-Output Step-Down
DC-DC Converter for PDA/Palmtop Computers
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
LOGIC INPUTS
SHDNM, SHDNC Input Low
Voltage
0.4
V
SHDNM, SHDNC Input High
Voltage
2.0
V
SHDNM, SHDNC Input Low
Current
SHDNM = SHDNC = GND
-1
1
µA
SHDNC Input High Current
V SHDNC = +5.5V
5
µA
SHDNM Input High Current
V SHDNM = +28V
30
µA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V, VMAIN = VINC = VCS- = VCS+ = +3.3V, VCORE = +1.8V, Circuit of Figure 4, TA -40°C to +85°C, unless otherwise noted.)
(Note 2)
Note 1: This parameter is guaranteed based on the LXC P-channel current limit and the LXC N-channel valley current.
Note 2: Specifications to -40°C are guaranteed by design and not production tested.


Similar Part No. - MAX1775EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1775EEE MAXIM-MAX1775EEE Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
More results

Similar Description - MAX1775EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775_09 Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Micro Linear Corporatio...
ML4866 MICRO-LINEAR-ML4866 Datasheet
248Kb / 8P
   3.3V Output DC-DC Step-Down Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com