Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-31011 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AT-31011
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AT-31011 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AT-31011 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AT-31011 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AT-31011 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AT-31011 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AT-31011 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AT-31011 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AT-31011 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AT-31011 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AT-31011 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
AT-31011 Typical Scattering Parameters, VCE = 2.7 V, IC = 10 mA, Common Emitter, ZO = 50 Ω
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.74
-23
27.42
23.49
161
-41.00
0.01
77
0.95
-9
0.5
0.46
-85
22.65
13.57
116
-30.64
0.03
59
0.68
-24
0.9
0.32
-121
18.73
8.64
97
-27.55
0.04
59
0.59
-27
1.0
0.30
-128
17.91
7.86
93
-27.05
0.04
59
0.58
-27
1.5
0.25
-161
14.77
5.48
79
-24.48
0.06
61
0.55
-30
1.8
0.25
-177
13.29
4.62
72
-23.26
0.07
61
0.54
-32
2.0
0.24
174
12.42
4.18
68
-22.51
0.07
61
0.53
-33
2.4
0.25
157
10.97
3.54
60
-21.12
0.09
59
0.53
-36
3.0
0.27
138
9.11
2.86
49
-19.31
0.11
58
0.52
-40
4.0
0.31
113
6.86
2.20
33
-16.88
0.14
54
0.51
-50
5.0
0.37
94
5.19
1.82
17
-14.75
0.18
48
0.50
-59
AT-31011 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, 2.7 V, IC = 10 mA
              ΓOPT
Freq
Fmin[1]
Rn
GHz
dB
Mag
Ang
0.5[2]
1.3
0.45
11
0.55
0.9
1.4
0.37
33
0.46
1.8
1.7
0.25
86
0.29
2.4
2.0
0.18
129
0.18
Notes:
1. Matching constraints may make Fmin values associated with high |ΓOPT| values unachievable
in physical circuits. See Figure 2 for expected performance.
2. 0.5 GHz noise parameter values are extrapolated, not measured.
AT-31033 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, 2.7 V, IC = 10 mA
              ΓOPT
Freq
Fmin[1]
Rn
GHz
dB
Mag
Ang
0.5[2]
1.3
0.42
10
0.38
0.9
1.4
0.31
30
0.34
1.8
1.7
0.16
80
0.23
2.4
2.0
0.08
118
0.17
Notes:
1. Matching constraints may make Fmin values associated with high |ΓOPT| values unachievable
in physical circuits. See Figure 2 for expected performance.
2. 0.5 GHz noise parameter values are extrapolated, not measured.
AT-31033 Typical Scattering Parameters, VCE = 2.7 V, IC = 10 mA, Common Emitter, ZO = 50 Ω
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.72
-21
26.80
21.87
154
-38.46
0.01
80
0.92
-10
0.5
0.33
-49
19.93
9.92
106
-27.31
0.04
73
0.66
-20
0.9
0.19
-47
15.51
5.96
88
-22.90
0.07
72
0.61
-22
1.0
0.17
-46
14.66
5.41
85
-22.03
0.08
72
0.60
-23
1.5
0.11
-28
11.44
3.73
72
-18.74
0.12
69
0.59
-27
1.8
0.10
-14
9.99
3.16
66
-17.26
0.14
67
0.58
-30
2.0
0.10
-6
9.15
2.87
62
-16.40
0.15
65
0.58
-32
2.4
0.10
9
7.78
2.45
54
-14.88
0.18
62
0.57
-35
3.0
0.12
23
6.16
2.03
43
-12.99
0.22
57
0.55
-41
4.0
0.15
34
4.30
1.64
27
-10.49
0.30
48
0.52
-53
5.0
0.20
36
3.01
1.41
12
-8.53
0.37
38
0.48
-65
AT-31011 fig 22
0
0
FREQUENCY (GHz)
2
3
30
1
5
10
4
20
MSG
MAG
S21
MSG
MSG
MAG
Figure 22. AT-31033 Gains vs. Frequency at VCE = 2.7
V, IC = 10 mA.
AT-31011 fig 21
0
0
FREQUENCY (GHz)
2
3
30
1
5
10
4
20
MSG
MAG
S21
MSG
Figure 21. AT-31011 Gains vs. Frequency at VCE = 2.7
V, IC = 10 mA.


Similar Part No. - AT-31011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-31011-BLK HP-AT-31011-BLK Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011-TR1 HP-AT-31011-TR1 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results

Similar Description - AT-31011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com