Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-32032 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AT-32032
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AT-32032 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AT-32032 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AT-32032 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AT-32032 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AT-32032 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AT-32032 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AT-32032 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AT-32032 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AT-32032 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AT-32032 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AT-32032 Typical Scattering Parameters, Common Emitter, ZO = 50 Ω, VCE = 2.7 V, IC = 5 mA
Freq.
GHz
S11
S21
S12
S22
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.5
0.484
-70
18.65
8.559
113
-25.51
0.053
62
0.680
-26
0.75
0.344
-88
16.04
6.339
98
-23.25
0.069
61
0.602
-28
1.0
0.257
-103
13.98
5.000
87
-21.46
0.085
61
0.561
-29
1.5
0.165
-130
10.90
3.509
70
-18.59
0.118
60
0.522
-33
2.0
0.124
-160
8.76
2.740
57
-16.29
0.153
57
0.502
-39
3.0
0.112
143
5.93
1.979
33
-12.69
0.232
48
0.477
-55
4.0
0.144
100
4.19
1.620
13
-9.89
0.320
37
0.454
-73
5.0
0.209
72
3.01
1.414
-7
-7.55
0.419
24
0.418
-95
6.0
0.296
57
2.14
1.279
-25
-5.58
0.526
8
0.353
-124
7.0
0.394
43
1.43
1.179
-43
-3.94
0.636
-10
0.275
-166
8.0
0.489
28
0.70
1.084
-61
-2.79
0.725
-30
0.270
137
9.0
0.564
10
-0.12
0.986
-78
-2.18
0.778
-50
0.355
91
10.0
0.627
-9
-1.05
0.886
-94
-2.10
0.786
-71
0.455
58
AT-32032 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, VCE = 2.7 V, IC = 5 mA
Freq.
GHz
Fmin
dB
Γopt
Rn
ohms
Gassoc
dB
Mag
Ang
0.9
0.9
0.23
71
7.5
15.6
1.8
1.2
0.295
138
5.1
11.5
2.0
1.2
0.31
152
4.6
10.4
2.5
1.3
0.35
-173
4.1
9.1
3.0
1.5
0.41
-142
5.8
8.2
3.5
1.7
0.47
-114
11.0
7.4
4.0
1.9
0.54
-93
20.0
6.7
gmax
dB(S[2,1])
k
0
25
15
20
5
10
0
2
1
3
4
5
6
0
1.25
0.75
1
0.25
0.5
FREQUENCY (GHz)
Figure 11. Gain vs. Frequency at 2.7 V, 5 mA.
Note: dB(|S21|) = 20 * log(|S21|)
gmax = maximum available gain (MAG) if k > 1
gmax = maximum stable gain (MSG) if k < 1
k = stability factor
MAG = S21 (k±
k2–1)
S12
MSG = |S21| /|S12|
k =
1 – |S11| 2 – |S22|2 + |D|2
; D = S11S22 – S12S21
2*|S12| |S21|


Similar Part No. - AT-32032

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-32032-BLK HP-AT-32032-BLK Datasheet
166Kb / 14P
   AT32032
AT-32032-TR1 HP-AT-32032-TR1 Datasheet
166Kb / 14P
   AT32032
More results

Similar Description - AT-32032

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com