Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-331M4 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-331M4 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-331M4 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Figure 20. MSG/MAG and |S21|
2 vs.
Frequency at 3 V , 60 mA.
MSG
MAG
FREQUENCY (GHz)
020
10
515
40
30
20
10
0
-10
|S21|
2
ATF-331M4 Typical Scattering Parameters, VDS = 3V, IDS = 60 mA
Freq.
GHz
S11
S21
S12
S22
MSG/MAG
dB
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.5
0.81
-93.60
22.93
14.01
127.00
-28.64
0.037
54.00
0.39
-167.20
25.78
0.8
0.78
-120.70
19.68
9.64
112.10
-26.56
0.047
48.30
0.46
-172.07
23.12
1.0
0.77
-133.60
18.81
8.72
105.40
-25.68
0.052
46.80
0.48
-175.73
22.24
1.5
0.75
-152.50
15.50
5.96
93.43
-23.88
0.064
46.03
0.51
176.57
19.69
1.8
0.74
-160.50
14.27
5.17
88.00
-22.73
0.073
45.93
0.51
172.73
18.50
2.0
0.74
-164.40
14.02
5.02
84.80
-22.16
0.078
46.03
0.52
170.47
18.09
2.5
0.72
-171.30
11.06
3.57
77.97
-20.72
0.092
45.93
0.52
164.60
15.89
3.0
0.70
-175.30
9.80
3.09
71.93
-18.40
0.120
45.37
0.53
161.90
14.10
4.0
0.71
162.70
7.39
2.34
53.33
-17.52
0.133
35.20
0.54
137.43
11.21
5.0
0.73
149.70
5.70
1.93
41.90
-16.95
0.142
29.87
0.54
134.20
9.70
6.0
0.71
140.60
4.61
1.70
29.10
-16.31
0.153
21.73
0.55
116.23
8.18
7.0
0.73
123.70
3.54
1.50
15.10
-15.55
0.167
11.40
0.56
110.13
7.39
8.0
0.74
112.70
3.33
1.47
7.10
-15.09
0.176
6.37
0.56
109.10
7.35
9.0
0.76
97.60
3.12
1.43
-4.37
-15.04
0.177
-2.77
0.57
93.43
7.16
10.0
0.79
83.40
2.52
1.34
-17.80
-14.75
0.183
-14.27
0.57
78.70
6.95
11.0
0.86
61.80
0.66
1.08
-32.10
-14.80
0.182
-26.87
0.57
66.20
6.68
12.0
0.87
62.00
-0.15
0.98
-37.60
-14.29
0.193
-31.00
0.63
60.03
6.21
13.0
0.88
52.00
-0.96
0.90
-49.50
-14.80
0.182
-41.97
0.68
49.47
5.74
14.0
0.89
44.50
-1.56
0.84
-58.70
-15.34
0.171
-50.27
0.71
40.23
5.55
15.0
0.92
38.80
-3.38
0.68
-67.60
-15.65
0.165
-58.43
0.74
30.87
5.16
16.0
0.94
33.20
-5.04
0.56
-74.90
-18.42
0.120
-65.47
0.77
25.03
4.92
17.0
0.94
28.20
-5.15
0.55
-80.90
-17.65
0.131
-71.67
0.78
18.87
4.96
18.0
0.93
24.60
-6.11
0.50
-84.90
-17.79
0.129
-76.30
0.80
14.17
3.76
Notes:
1. The Fmin values are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these
measurements Fmin is calculated. Refer to the noise parameter measurement section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.010 inch thick alumina carrier assembly. The input reference plane is at the
end of the gate pad. The output reference plane is at the end of the drain pad.
Typical Noise Parameters, VDS = 3V, IDS = 60 mA
Freq
GHz
Fmin
dB
opt
Mag.
opt
Ang.
Rn/50
Ga
dB
0.50
0.36
0.35
0.2
0.06
21.97
0.90
0.4
0.341
24.3
0.06
18.96
1.00
0.41
0.34
31.1
0.05
18.77
1.50
0.45
0.341
62.5
0.04
16.31
1.80
0.48
0.346
79.3
0.05
15.79
2.00
0.5
0.351
89.6
0.05
14.93
2.50
0.54
0.37
112.8
0.04
13.67
3.00
0.59
0.395
132.4
0.04
12.62
4.00
0.68
0.461
162.3
0.03
10.78
5.00
0.77
0.538
-177.6
0.02
9.28
6.00
0.86
0.616
-164.4
0.02
8.34
7.00
0.95
0.683
-155.3
0.04
7.37
8.00
1.04
0.729
-147.2
0.07
6.63
9.00
1.13
0.742
-137.3
0.11
6.19
10.00
1.22
0.712
-122.6
0.19
5.23


Similar Part No. - ATF-331M4

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-331M4-BLK HP-ATF-331M4-BLK Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-331M4-TR1 HP-ATF-331M4-TR1 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-331M4-TR2 HP-ATF-331M4-TR2 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
More results

Similar Description - ATF-331M4

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-38143 AVAGO-ATF-38143 Datasheet
377Kb / 12P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-35143 AVAGO-ATF-35143_15 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-551M4 HP-ATF-551M4 Datasheet
198Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com