Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-331M4 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-331M4 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-331M4 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ATF-331M4 Absolute Maximum Ratings[1]
Symbol
Parameter
Units
Absolute
Maximum
VDS
Drain-Source Voltage [2]
V
5.5
VGS
Gate-Source Voltage [2]
V
-5
VGD
Gate Drain Voltage [2]
V
-5
IDS
Drain Current [2]
mA
Idiss[3]
Pdiss
Total Power Dissipation [4]
mW
400
Pin max.
RF Input Power
dBm
20
TCH
Channel Temperature [5]
°C
160
TSTG
Storage Temperature
°C
-65 to 160
jc
Thermal Resistance [6]
°C/W
200
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Assumes DC quiescent conditions.
3. VGS = 0 V
4. Source lead temperature is 25°C. Derate
5 mW/°C for TL > 40°C.
5. Please refer to failure rates in reliability
data sheet to assess the reliability impact
of running devices above a channel
temperature of 140°C.
6. Thermal resistance measured using 150°C
Liquid Crystal Measurement method.
Product Consistency Distribution Charts[8, 9]
VDS (V)
Figure 1. Typical Pulsed I-V Curves[7].
(VGS = -0.2 V per step)
02
4
6
8
500
400
300
200
100
0
-0.6 V
0 V
+0.6 V
NF (dBm)
Figure 2. NF @ 2 GHz, 4 V, 60 mA.
LSL = 28.5, Nominal = 0.6, USL = 0.8.
0.2
0.4
0.5
0.6
0.7
0.3
0.8
0.9
100
80
60
40
20
0
-3 Std
+3 Std
Cpk = 1.05
Stdev = 0.07
OIP3 (dBm)
Figure 3. OIP3 @ 2 GHz, 4 V, 60 mA.
LSL = 28.5, Nominal = 31.0, USL = 36.0
28
32
30
34
36
-3 Std
+3 Std
150
120
90
60
30
0
Cpk = 1.00
Stdev = 1.07
GAIN (dB)
Figure 4. Gain @ 2 GHz, 4 V, 60 mA.
LSL = 13.5, Nominal = 15.0, USL = 16.5
13
15
14
16
17
-3 Std
+3 Std
120
100
80
60
40
20
0
Cpk = 4.37
Stdev = 1.11
Notes:
8. Distribution data sample size is 349 samples from 4 different wafers. Future wafers allocated to this product may have nominal values anywhere
within the upper and lower spec limits.
9. Measurements made on production test board. This circuit represents a trade-off between an optimal noise match and a realizeable match based
on production test requirements. Circuit losses have been de-embedded from actual measurements.
Note:
7. Under large signal conditions, VGS may
swing positive and the drain current may
exceed Idss.These conditions are acceptable
as long as the Maximum Pdiss and Pin max
ratings are not exceeded.


Similar Part No. - ATF-331M4

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-331M4-BLK HP-ATF-331M4-BLK Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-331M4-TR1 HP-ATF-331M4-TR1 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-331M4-TR2 HP-ATF-331M4-TR2 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
More results

Similar Description - ATF-331M4

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-38143 AVAGO-ATF-38143 Datasheet
377Kb / 12P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-35143 AVAGO-ATF-35143_15 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-551M4 HP-ATF-551M4 Datasheet
198Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com