Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1792 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1792
Description  500mA Low-Dropout Linear Regulator in uMAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1792 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1792 Datasheet HTML 1Page - Maxim Integrated Products MAX1792 Datasheet HTML 2Page - Maxim Integrated Products MAX1792 Datasheet HTML 3Page - Maxim Integrated Products MAX1792 Datasheet HTML 4Page - Maxim Integrated Products MAX1792 Datasheet HTML 5Page - Maxim Integrated Products MAX1792 Datasheet HTML 6Page - Maxim Integrated Products MAX1792 Datasheet HTML 7Page - Maxim Integrated Products MAX1792 Datasheet HTML 8Page - Maxim Integrated Products MAX1792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
500mA Low-Dropout
Linear Regulator in µMAX
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VIN = VOUT(NOM) + 500mV, or VIN = +2.5V (whichever is greater), SHDN = IN, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VOUT(NOM) + 500mV, or VIN = +2.5V (whichever is greater), SHDN = IN, TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET OUTPUT
Reset Output Low Voltage
VOL
RST sinking 1mA
0.01
0.1
V
Operating Voltage Range for
Valid Reset
RST sinking 100
µA
1.0
5.5
V
RST Output High Leakage
Current
VRST = +5.5V
100
nA
RST Threshold
Rising edge, referred to VOUT(NOMINAL)
90
93
96
%
RST Release Delay
tRP
Rising edge of OUT to rising edge of RST
1.5
4.5
8
ms
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
170
°C
Thermal Shutdown Hysteresis
∆TSHDN
20
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
Input Undervoltage Lockout
VUVLO
Rising or falling
2.0
2.3
V
IOUT = 100mA
-2
+2
Output Voltage Accuracy
(Preset Mode)
VOUT
IOUT = 1mA to 500mA
-3
+3
%
Adjustable Output Voltage
Range
1.25
5
V
SET Voltage Threshold
(Adjustable Mode)
VSET
IOUT = 100mA
1.212
1.288
V
Maximum Output Current
IOUT
500
mARMS
Short-Circuit Current Limit
ILIM
VOUT = 0
0.55
1.8
A
SET Dual Mode Threshold
50
150
mV
SET Input Bias Current
ISET
VSET = 1.25V
-100
+100
nA
Ground-Pin Current
IQ
IOUT = 1mA
250
µA
VOUT = 5.0V
225
VOUT = 3.3V
250
Dropout Voltage (Note 1)
VIN -
VOUT
IOUT = 500mA
VOUT = 2.5V
360
mV
Line Regulation
∆VLNR
VIN from (VOUT + 100mV) to 5.5V,
ILOAD = 5mA
-0.15
+0.15
%/V
Load Regulation
∆VLDR
IOUT = 1mA to 500mA
1.0
%
SHUTDOWN
Shutdown Supply Current
IOFF
SHDN = GND, VIN = +5.5V
15
µA
VIH
2.5V < VIN < 5.5V
1.6
SHDN Input
Threshold
VIL
2.5V < VIN < 5.5V
0.6
V
SHDN Input Bias Current
ISHDN
SHDN = IN or GND
100
nA


Similar Part No. - MAX1792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1792 MAXIM-MAX1792 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
MAX1792 MAXIM-MAX1792 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
More results

Similar Description - MAX1792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
MAX1818 MAXIM-MAX1818 Datasheet
262Kb / 9P
   500mA Low-Dropout Linear Regulator in SOT23
19-1860; Rev 1; 3/01
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com