Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-270C Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-270C
Description  High Performance Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-270C Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-270C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Applications Information
Schottky Diode Fundamentals
The HSMS-270x series of clipping/clamping diodes
are Schottky devices. A Schottky device is a rectifying,
metal-semiconductor contact formed between a metal
and an n-doped or a p-doped semiconductor. When a
metal-semiconductor junction is formed, free electrons
flow across the junction from the semiconductor and fill
the free-energy states in the metal. This flow of electrons
creates a depletion or potential across the junction. The
difference in energy levels between semiconductor and
metal is called a Schottky barrier.
P-doped, Schottky-barrier diodes excel at applications
requiring ultra low turn-on voltage (such as zero-biased
RF detectors). But their very low, breakdown-voltage
and high series-resistance make them unsuitable for
the clipping and clamping applications involving high
forward currents and high reverse voltages. Therefore,
this discussion will focus entirely on n-doped Schottky
diodes.
Under a forward bias (metal connected to positive in an
n-doped Schottky), or forward voltage, VF, there are many
electrons with enough thermal energy to cross the barrier
potential into the metal. Once the applied bias exceeds
the built-in potential of the junction, the forward current,
IF, will increase rapidly as VF increases.
When the Schottky diode is reverse biased, the potential
barrier for electrons becomes large; hence, there is a
small probability that an electron will have sufficient
thermal energy to cross the junction. The reverse leakage
current will be in the nanoampere to microampere range,
depending upon the diode type, the reverse voltage, and
the temperature.
In contrast to a conventional p-n junction, current in
the Schottky diode is carried only by majority carriers
(electrons). Because no minority-carrier (hole) charge
storage effects are present, Schottky diodes have carrier
lifetimes of less than 100 ps. This extremely fast switching
time makes the Schottky diode an ideal rectifier at fre-
quencies of 50 GHz and higher.
Another significant difference between Schottky and p-n
diodes is the forward voltage drop. Schottky diodes have
a threshold of typically 0.3 V in comparison to that of 0.6 V
in p-n junction diodes. See Figure 6.
Through the careful manipulation of the diameter of the
Schottky contact and the choice of metal deposited on
the n-doped silicon, the important characteristics of the
diode (junction capacitance, CJ; parasitic series resistance,
RS; breakdown voltage, VBR; and forward voltage, VF,)
can be optimized for specific applications. The HSMS-
270x series and HBAT-540x series of diodes are a case in
point.
Both diodes have similar barrier heights; and this is
indicated by corresponding values of saturation current,
IS. Yet, different contact diameters and epitaxial-layer
thickness result in very different values of CJ and RS. This
is seen by comparing their SPICE parameters in Table 1.
Table 1. HSMS-270x and HBAT-540x SPICE Parameters.
Parameter
HSMS- 270x
HBAT- 540x
BV
25 V
40 V
CJ0
6.7 pF
3.0 pF
EG
0.55 eV
0.55 eV
IBV
10E-4 A
10E-4 A
IS
1.4E-7 A
1.0E-7 A
N
1.04
1.0
RS
0.65 Ω
2.4 Ω
PB
0.6 V
0.6 V
PT
2
2
M
0.5
0.5
At low values of IF ≤ 1 mA, the forward voltages of the
two diodes are nearly identical. However, as current rises
above 10 mA, the lower series resistance of the HSMS-
270x allows for a much lower forward voltage. This gives
the HSMS-270x a much higher current handling capabil-
ity. The trade-off is a higher value of junction capacitance.
The forward voltage and current plots illustrate the
differences in these two Schottky diodes, as shown in
Figure 7.
PN
CURRENT
0.6 V
+
BIAS VOLTAGE
PN JUNCTION
CAPACITANCE
METAL N
CURRENT
0.3V
+
BIAS VOLTAGE
SCHOTTKY JUNCTION
CAPACITANCE
VF – FORWARD VOLTAGE (V)
.01
10
1
.1
300
100
0
0.1
0.3
0.2
0.5
0.4
0.6
HSMS-270x
HBAT-540x
Figure 6.
Figure 7. Forward Current vs. Forward Voltage at 25°C.


Similar Part No. - HSMS-270C

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-270C HP-HSMS-270C Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-270C AVAGO-HSMS-270C Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HSMS-270C-BLK HP-HSMS-270C-BLK Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-270C-TR1 HP-HSMS-270C-TR1 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-270C-TR2 HP-HSMS-270C-TR2 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HSMS-270C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
   high performance Schottky diode
logo
IXYS Corporation
DSA20C150PB IXYS-DSA20C150PB Datasheet
102Kb / 2P
   High Performance Schottky Diode
logo
Kersemi Electronic Co.,...
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
   175 째C high performance Schottky diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
IXYS Corporation
DSA30I150PA IXYS-DSA30I150PA Datasheet
114Kb / 4P
   Schottky Diode Gen High Performance Schottky Diode Low Loss and Soft Recovery
DSA20C45PB IXYS-DSA20C45PB Datasheet
102Kb / 2P
   Schottky High Performance Schottky Diode Low Loss and Soft Recovery
logo
List of Unclassifed Man...
LD1003S ETC-LD1003S Datasheet
693Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com