Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-389R Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-389R
Description  Surface Mount RF PIN Switch Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-389R Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-389R Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-389R Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-389R Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-389R Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-389R Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-389R Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-389R Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-389R Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-389R Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
HSMP-389x Series Typical Performance, T
C = 25°C, each diode
Typical Applications for Multiple Diode Products
Figure 6. HSMP-389L used in a SP3T Switch.
Figure 7. HSMP-389L Unconnected Trio used in a Dual Voltage, High Isolation
Switch.
1
1
2
3
4
0
5
6
b1
b2
b3
2
3
Figure 1. Total RF Resistance at 25 C vs.
Forward Bias Current.
100
10
1
0.1
IF – FORWARD BIAS CURRENT (mA)
0.01
0.1
1
10
100
120
115
110
105
100
95
90
85
1
10
30
IF – FORWARD BIAS CURRENT (mA)
Figure 3. 2nd Harmonic Input Intercept
Point vs. Forward Bias Current.
Diode Mounted as a
Series Attenuator in a
50 Ohm Microstrip and
Tested at 123 MHz
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0
4
8
12
16
20
VR – REVERSE VOLTAGE (V)
1 MHz
1 GHz
Figure 2. Capacitance vs. Reverse Voltage.
200
160
120
80
40
0
10
20
15
25
30
FORWARD CURRENT (mA)
Figure 4. Typical Reverse Recovery Time vs.
Reverse Voltage.
VR = –2V
VR = –5V
VR = –10V
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0 1.2
VF – FORWARD VOLTAGE (V)
Figure 5. Forward Current vs. Forward Voltage.
125 C 25 C –50 C
1
1
1
RF in
RF out
2
2
3
4
5
6
1
0
0
2
+V
–V
“ON”
“OFF”


Similar Part No. - HSMP-389R

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-389R HP-HSMP-389R Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389R AVAGO-HSMP-389R Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
HSMP-389R AVAGO-HSMP-389R Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389R AVAGO-HSMP-389R Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389R BOARDCOM-HSMP-389R Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-389R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com