Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1795EUA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1795EUA
Description  Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1795EUA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1795EUA Datasheet HTML 1Page - Maxim Integrated Products MAX1795EUA Datasheet HTML 2Page - Maxim Integrated Products MAX1795EUA Datasheet HTML 3Page - Maxim Integrated Products MAX1795EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1795EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1795EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1795EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1795EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1795EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Low Supply Current, Step-Up DC-DC Converters
with True-Shutdown
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NFET
0.3
Internal NFET, PFET On-
Resistance
RDS(ON)
VOUT = +3.3V,
ILX = 100mA
PFET
0.45
ILIM
MAX1795
0.19
0.37
MAX1796
0.35
0.7
LX Switch Current Limit (NFET
only)
MAX1797
0.8
1.32
A
LX Leakage Current
ILEAK
VLX = 0 and +5.5V, VOUT = +5.5V
µA
Damping Switch On-Resistance
RDAMP
100
400
Operating Current into OUT
(Note 2)
VFB = +1.4V
45
µA
Operating Current into BATT
VFB = +1.4V, VLBI = +1V
4
µA
Shutdown Current into BATT
SHDN = BATT, VLBI = +1V
4
µA
LX Switch Maximum On-Time
tON
VFB = +1V, if current limit not reached
2.75
5.25
µs
LX Switch Minimum Off-Time
tOFF
VFB = +1V
0.7
1.3
µs
VBATT = +2V
0.8
0.90
LBI Threshold Voltage
VLBI
VBATT = LBI
0.875
0.975
V
LBI Input Current
ILBI
VLBI = +0.8V
100
nA
VBATT = VLBI = +0.975V,
sinking 20
µA (50Ω typ)
0.1
LBO Low Output Voltage
VBATT = VLBI = +1.1V,
sinking 100
µA (25Ω typ)
0.1
V
LBO Off-Leakage Current
VLBO = +5.5V
100
nA
VIL
0.2
VBATT
SHDN Input Voltage
VIH
0.8
VBATT
V
Shutdown Input Current
VSHDN = 0 and +5.5V
100
nA
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = +2V, OUT = FB (VOUT = +3.3V), SHDN = LBI = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
Note 1: Operating Voltage: Since the regulator is bootstrapped to the output, once started it will operate down to a 0.7V input.
Note 2: Device is bootstrapped (power to IC comes from OUT). This correlates directly with the actual battery supply current.
Note 3: Specifications to -40°C are guaranteed by design, not production tested.


Similar Part No. - MAX1795EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
96Kb / 4P
   Output Disconnects from Input During Shutdown
Rev 0; 2/01
More results

Similar Description - MAX1795EUA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Texas Instruments
LM4510 TI1-LM4510 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
LM4510 TI-LM4510_15 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Texas Instruments
LM4510SDEV TI1-LM4510SDEV Datasheet
5Mb / 23P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com