Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1800 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1800
Description  Digital Camera Step-Up Power Supply
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1800 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1800 Datasheet HTML 5Page - Maxim Integrated Products MAX1800 Datasheet HTML 6Page - Maxim Integrated Products MAX1800 Datasheet HTML 7Page - Maxim Integrated Products MAX1800 Datasheet HTML 8Page - Maxim Integrated Products MAX1800 Datasheet HTML 9Page - Maxim Integrated Products MAX1800 Datasheet HTML 10Page - Maxim Integrated Products MAX1800 Datasheet HTML 11Page - Maxim Integrated Products MAX1800 Datasheet HTML 12Page - Maxim Integrated Products MAX1800 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Digital Camera Step-Up
Power Supply
_______________________________________________________________________________________
9
Detailed Description
The MAX1800 typical application circuit is shown in
Figure 1. It features a main step-up DC-DC converter,
three auxiliary step-up DC-DC controllers, an uncom-
mitted gain block, a power-ready comparator, and con-
trol capability for multiple external MAX1801 slave
DC-DC controllers. The uncommitted gain block can be
used with an external P-Channel MOSFET to make a
linear regulator. The linear regulator can be used with
the main output for step-up/step-down functionality or
to make a separate stand-alone output voltage.
Together, these provide a complete high-efficiency
power-supply solution for digital still cameras. Figure 2
shows the MAX1800 functional diagram.
Master-Slave Configuration
The MAX1800 supports MAX1801 “slave” controllers
that obtain input power, a voltage reference, and an
oscillator signal directly from the MAX1800 “master”
DC-DC converter. The master-slave configuration
reduces system cost by eliminating redundant circuitry
and controlling the harmonic content of noise with syn-
chronized converter switching.
Main DC-DC Converter
The MAX1800 main step-up DC-DC switching convert-
er generates a 2.7V to 5.5V output voltage from a +0.7V
to +5.5V battery input voltage. An internal switch and
synchronous rectifier allow conversion efficiencies as
high as 95% while reducing both circuit size and the
number of external components. The converter oper-
ates in a low-noise, constant-frequency PWM mode to
regulate the voltage across the load. Switching har-
monics generated by fixed-frequency operation are
consistent and easily filtered.
The internal N-channel MOSFET switch turns on during
the first part of each cycle, allowing current to ramp up
in the inductor and store energy in a magnetic field.
During the second part of each cycle, the MOSFET
turns off and the voltage across the inductor reverses,
forcing current through the internal P-channel synchro-
nous rectifier to the output filter capacitor and load. As
the energy stored in the inductor is depleted, the cur-
rent ramps down. The synchronous rectifier turns off
when the inductor current approaches zero or at the
beginning of a cycle.
The current-mode PWM controller uses the voltage at
COMPM to program the inductor current and regulate
Pin Description (continued)
PIN
NAME
FUNCTION
24
ONM
Main Converter Enable Input. High level turns the main converter on. Connect ONM to POUT to automatically
start the main converter. When the main converter is off, all other outputs are disabled.
25
AI
Analog Gain Block Input. AI is the positive input to the gain block. The negative input is internally connected
to the 1.25V reference.
26
AO
Analog Gain Block Output. AO is a push-pull output driven between GND and POUT. The voltage gain of the
block is approximately 100.
27
ONA
Analog Gain Block Enable Input. Connect ONA to POUT to enable the gain block. When ONA is low, the AO
output is driven to POUT.
28
DCON3
Maximum Duty-Cycle Control Input for Auxiliary Controller 3. Connect to POUT to set the default maximum
duty cycle. Connect a resistive voltage-divider from REF to DCON3 to set the maximum duty cycle between
40% and 90%. Pull DCON3 below 400mV to turn the controller off.
29
COMP3
Compensation for Auxiliary Controller 3. Output of transconductance error amplifier. Connect a series resistor
and capacitor to GND to compensate the control loop. See Compensation Design.
30
FB3
Feedback Input for Auxiliary Controller 3. Connect a feedback resistive voltage-divider from the output to FB3
to set the output voltage. Regulation voltage is VREF (1.25V).
31
ON3
Enable Input for Auxiliary Controller 3. Connect ON2 to POUT to automatically start auxiliary controller 3.
32
DL3
External MOSFET Gate Drive Output for Auxiliary Controller 3. DL3 swings between POUT and GND with
typical 500mA drive current. Connect DL3 to the gate of the external switching N-channel MOSFET for
auxiliary controller 3.


Similar Part No. - MAX1800

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
MAX18000AWT+T AD-MAX18000AWT+T Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
MAX18002 AD-MAX18002 Datasheet
1Mb / 17P
   500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
MAX18002AWT+T AD-MAX18002AWT+T Datasheet
1Mb / 17P
   500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
More results

Similar Description - MAX1800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802 Datasheet
469Kb / 28P
   Digital Camera Step-Down Power Supply
19-1850; Rev 0; 10/00
MAX1801 MAXIM-MAX1801 Datasheet
280Kb / 16P
   Digital Camera Step-Up Slave DC-DC Controller
Rev 0; 10/00
logo
Sanyo Semicon Device
LV5622LP SANYO-LV5622LP Datasheet
91Kb / 6P
   For Digital Still Camera Main/Back-up Power Supply Switching IC
logo
List of Unclassifed Man...
AAT1401 ETC-AAT1401 Datasheet
362Kb / 21P
   FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
logo
Advanced Analog Technol...
AAT1403A AAT-AAT1403A Datasheet
408Kb / 27P
   SIX-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
AAT1403B AAT-AAT1403B Datasheet
423Kb / 27P
   SIX-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
AAT1401 AAT-AAT1401 Datasheet
357Kb / 21P
   FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
   Charge Pump Step-up Power Supply
August, 2013
logo
Maxim Integrated Produc...
MAX1565 MAXIM-MAX1565 Datasheet
512Kb / 26P
   Small, High-Efficiency, Five-Channel Digital Still Camera Power Supply
19-2712; Rev 0; 1/03
logo
Monolithic Power System...
MEZD41502A-X MPS-MEZD41502A-X Datasheet
571Kb / 4P
   2.7V - 13V Input, 2A, Step-Up Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com