Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1802 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1802
Description  Digital Camera Step-Down Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1802 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1802 Datasheet HTML 1Page - Maxim Integrated Products MAX1802 Datasheet HTML 2Page - Maxim Integrated Products MAX1802 Datasheet HTML 3Page - Maxim Integrated Products MAX1802 Datasheet HTML 4Page - Maxim Integrated Products MAX1802 Datasheet HTML 5Page - Maxim Integrated Products MAX1802 Datasheet HTML 6Page - Maxim Integrated Products MAX1802 Datasheet HTML 7Page - Maxim Integrated Products MAX1802 Datasheet HTML 8Page - Maxim Integrated Products MAX1802 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Digital Camera Step-Down
Power Supply
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VVDDM = 6V, VVDDC = 3V, PGNDM = PGND = GND, DCON1 = REF, VONM = 3V, VONC = VON1 = VDCON2 =
VDCON3 = 0, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
Reference Output Voltage
VREF
IREF = 20
µA
1.235
1.248
1.260
V
REF Load Regulation
10
µA < IREF < 200µA
5
9
mV
REF Line Rejection
2.7V < VOUT < 5.5V
1
5
mV
REF Undervoltage Lockout
Threshold
REF rising, 20mV hysteresis
0.9
1
1.1
V
OSCILLATOR
OSC Discharge Trip Level
OSC rising
1.225
1.250
1.275
V
OSC Input Bias Current
VOSC = 1.1V
0.2
100
nA
OSC Discharge Resistance
VOSC = 1.5V
30
100
OSC Discharge Pulse Width
100
ns
LOGIC INPUTS (ONM, ONC, ON1)
Input Low Level
VIL
0.4
V
ONM
1.8
Input High Level
VIH
ONC, ON1
1.6
V
Input Leakage Current
ONM: VIN = 0 or 11V;
ONC, ON1: VIN = 0 or 5V
0.01
1
µA
MAIN DC-DC CONVERTER
Main Output Voltage Adjust
Range
VOUT
2.7
5.5
V
Main Idle Mode™ Threshold
VOSC = 0.625V, measured between VDDM
and LXM
8
20
32
mV
Main Current-Sense Amplifier
Voltage Gain
AVCSM
Measured between VDDM and LXM
8.4
9.3
10.2
V/V
Main N Channel Turn-Off
Threshold
Measured between LXM and PGNDM
-26
-17
-8
mV
Main Slope Compensation
Gain
AVSWM
0.16
0.20
0.24
V/V
MAIN ERROR AMPLIFIER
FBM Regulation Voltage
Unity gain configuration, FBM = COMPM
1.233
1.248
1.263
V
FBM to COMPM
Transconductance
GEA
Unity gain configuration, FBM = COMPM,
-5
µA < ILOAD < 5µA
70
100
160
µS
FBM Input Leakage Current
VFBM = 1.35V
5
100
nA
COMPM Minimum Output
Voltage
VFBM = 1.35V, COMPM open
0.3
V
COMPM Maximum Output
Voltage
VCOMPM(MAX)
VFBM = 1.15V, COMPM open
2.00
2.14
2.27
V
Idle Mode is a trademark of Maxim Integrated Products.


Similar Part No. - MAX1802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802 Datasheet
346Kb / 7P
   Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
MAX1802EVKIT MAXIM-MAX1802EVKIT Datasheet
346Kb / 7P
   Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
   Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
More results

Similar Description - MAX1802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
   Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
logo
List of Unclassifed Man...
AAT1401 ETC-AAT1401 Datasheet
362Kb / 21P
   FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
logo
Advanced Analog Technol...
AAT1403A AAT-AAT1403A Datasheet
408Kb / 27P
   SIX-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
AAT1403B AAT-AAT1403B Datasheet
423Kb / 27P
   SIX-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
AAT1401 AAT-AAT1401 Datasheet
357Kb / 21P
   FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
logo
STMicroelectronics
SPDC400-4W STMICROELECTRONICS-SPDC400-4W Datasheet
433Kb / 10P
   DC-DC step down power supply
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Linear Technology
LTM4627EV LINER-LTM4627EV Datasheet
587Kb / 10P
   High Efficiency PolyPhase Step-Down Power Supply
logo
Shenzhen Huazhimei Semi...
HM3126A HMSEMI-HM3126A Datasheet
701Kb / 6P
   80V, 480KHz, 1.5A step-down power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com