Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCWI05 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MCWI05
Description  Low Stand-by Power Consumption
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MCWI05 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MCWI05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MCWI05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MCWI05 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MCWI05 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCWI05 SERIES
DC/DC CONVERTER 5W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2014/11/04 P2
Page 3 of 4
®
EMC Specifications
Parameter
Standards & Level
Performance
EMI
EN55022, FCC part 15
Class A (See Page 4)
EMS
EN55024
ESD
EN61000-4-2 air ± 8kV , Contact ± 6kV
A
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient (5)
EN61000-4-4 ±2kV
A
Surge (5)
EN61000-4-5 ±1kV
A
Conducted immunity
EN61000-4-6 10Vrms
A
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory.
5
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required.Suggested capacitor:TBD
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
Specifications are subject to change without notice.


Similar Part No. - MCWI05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MCWI05 MINMAX-MCWI05_16 Datasheet
586Kb / 5P
   DC/DC CONVERTER 5W, SIP-Package
More results

Similar Description - MCWI05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MBP300-2A27D27 MORNSUN-MBP300-2A27D27 Datasheet
1Mb / 7P
   Low stand-by power consumption
logo
Torex Semiconductor
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
logo
OptoSupply Internationa...
JPE03 OPTOSUPPLY-JPE03 Datasheet
331Kb / 1P
   Energy saving effect by low power consumption
logo
ON Semiconductor
NCP1249 ONSEMI-NCP1249 Datasheet
1Mb / 31P
   High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
June, 2013 ??Rev. 0
logo
Motorola, Inc
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
logo
PETERMANN-TECHNIK
SXO28LP PETERMANN-SXO28LP Datasheet
856Kb / 3P
   Low power version / Stand-by current 1.5 關A max.
SXO3LP-03025-S PETERMANN-SXO3LP-03025-S Datasheet
886Kb / 3P
   Low power version / Stand-by current 10 關A max.
SXO3LP PETERMANN-SXO3LP Datasheet
856Kb / 3P
   Low power version / Stand-by current 1.5 關A max.
SXO28LP-03025-S PETERMANN-SXO28LP-03025-S Datasheet
886Kb / 3P
   Low power version / Stand-by current 10 關A max.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com