Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW15 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # MJW15
Description  Low No Load Power Consumption
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJW15 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

Back Button MJW15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJW15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJW15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJW15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJW15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJW15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJW15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJW15 Datasheet HTML 9Page - Minmax Technology Co., Ltd. MJW15 Datasheet HTML 10Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MJW15 SERIES
DC/DC CONVERTER 15W, Regulated Output, 1"x1" Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P3
Page 6 of 10
®
MJW15-24S033, MJW15-48S033
Derating Curve without Heatsink
MJW15-24S033, MJW15-48S033
Derating Curve with Heatsink
MJW15-12S033
Derating Curve without Heatsink
MJW15-12S033
Derating Curve with Heatsink
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measured with a 1μF MLCC.
4
We recommend to protect the converter by a slow blow fuse in the input supply line.
5
Other input and output voltage may be available, please contact factory.
6
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required. Suggested capacitor:TBD
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications are subject to change without notice.


Similar Part No. - MJW15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJW10 MINMAX-MJW10 Datasheet
739Kb / 6P
   fully regulated output voltage
logo
ON Semiconductor
MJW1302A ONSEMI-MJW1302A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJW1302A ONSEMI-MJW1302A Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJW1302A ONSEMI-MJW1302A Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
logo
Inchange Semiconductor ...
MJW1302A ISC-MJW1302A Datasheet
233Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - MJW15

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRI-78-NZ AIMTEC-AMSRI-78-NZ Datasheet
121Kb / 4P
   Ultra-low no load power consumption
logo
Total Power Internation...
TPEMP250G TOTAL-POWER-TPEMP250G Datasheet
118Kb / 2P
   NO LOAD POWER CONSUMPTION <0.5W
logo
AIMTEC
AM6TW-NZ AIMTEC-AM6TW-NZ Datasheet
259Kb / 5P
   Very low no load power consumption of 0.12W
logo
Recom International Pow...
RAC20-N RECOM-RAC20-N Datasheet
892Kb / 4P
   0.25W max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
   30mW max. No Load Power Consumption
RAC04-C277 RECOM-RAC04-C277 Datasheet
453Kb / 6P
   50mW max. No Load Power Consumption
RAC02-SE277 RECOM-RAC02-SE277 Datasheet
402Kb / 4P
   35mW max. No Load Power Consumption
RAC02-SE277W RECOM-RAC02-SE277W Datasheet
380Kb / 4P
   35mW max. No Load Power Consumption
RAC03-SE277 RECOM-RAC03-SE277 Datasheet
428Kb / 4P
   30mW max. No Load Power Consumption
RAC03-SER277 RECOM-RAC03-SER277 Datasheet
399Kb / 4P
   40mW max. No Load Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com