Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1809EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1809EEE
Description  3A, 1MHz, DDR Memory Termination Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1809EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1809EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
3A, 1MHz, DDR Memory Termination Supply
_______________________________________________________________________________________
7
feedback voltage exceeds the external reference voltage
(VEXTREF) or the positive current limit is reached. When
the PMOS switch turns off, it remains off for the pro-
grammed off-time (tOFF). To control the current under
short-circuit conditions, the PMOS switch remains off for
approximately 4 tOFF when VFB < VEXTREF / 4.
Synchronous Rectification
In a stepdown regulator without synchronous rectification,
an external Schottky diode provides a path for current to
flow when the inductor is discharging. Replacing the
Schottky diode with a low-resistance NMOS synchro-
nous switch reduces conduction losses and improves
efficiency.
The NMOS synchronous-rectifier switch turns on follow-
ing a short delay (approximately 50ns) after the PMOS
power switch turns off, thus preventing cross-conduc-
tion or “shoot-through.” In constant-off-time mode, the
synchronous-rectifier switch turns off just prior to the
PMOS power switch turning on. While both switches
are off, inductor current flows through the internal body
diode of the NMOS switch.
Current Sourcing and Sinking
By operating in a constant-off-time, pseudo-fixed-fre-
quency mode, the MAX1809 can both source and sink
current. Depending on the output current requirement,
the circuit operates in two modes. In the first mode the
output draws current and the MAX1809 behaves as a
regular buck controller, sourcing current to the output
from the input supply rail. However, when the output is
supplied by another source, the MAX1809 operates in
a second mode as a synchronous boost, taking power
from the output and returning it to the input.
Thermal Resistance
Junction-to-ambient thermal resistance,
θJA, is highly
dependent on the amount of copper area immediately
surrounding the IC leads. The MAX1809 QFN package
has 1in2 of copper area and a thermal resistance of
50°C/W with no forced airflow. The MAX1809 16-pin
QSOP evaluation kit has 0.5in2 of copper area and a
thermal resistance of 80°C/W with no forced airflow.
Airflow over the board significantly reduces the junction-
to-ambient thermal resistance. For heat sinking pur-
poses, it is essential to connect the exposed backside
pad of the QFN package to a large analog ground plane.
Shutdown
Drive SHDN to a logic-level low to place the MAX1809 in
low-power shutdown mode and reduce supply current to
less than 1µA. In shutdown, all circuitry and internal
MOSFETs turn off, so the LX node becomes high imped-
ance. Drive SHDN to a logic-level high or connect to VCC
for normal operation.
Power Dissipation
Power dissipation in the MAX1809 is dominated by
conduction losses in the two internal power switches.
Power dissipation due to charging and discharging the
gate capacitance of the internal switches (i.e., switch-
ing losses) is approximately:
PD(CAP) = C VIN2 ✕ fSW
MAX1809
IN
VCC
VIN
VSET
SHDN
EXTREF
TOFF
33
µF
10
10k
10k
RTOFF
RDROOP
VDDQ
(2.5V)
VSSQ
0.01
µF
1
µF
270
µF
2V
15m
2.2
µF
1000pF
1000pF
LX
L
PGND
GND
FB
REF
SS
FOR VIN = 5V: L = 1
µH, RTOFF = 130kΩ
FOR VIN = 3.3V: L = 0.68
µH, RTOFF = 73.2kΩ
VDDQ
2
( )
VOUT =
Figure 1. Typical Application Circuit


Similar Part No. - MAX1809EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX180-MAX181 MAXIM-MAX180-MAX181 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
   Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
MAX18000AWT+T AD-MAX18000AWT+T Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results

Similar Description - MAX1809EEE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
EV20075DH-00A MPS-EV20075DH-00A Datasheet
147Kb / 4P
   3A, 1.30V ??3.6V DDR Memory VTT Termination Regulator
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
logo
Unisonic Technologies
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com