Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC-610BP-50HBE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPC-610BP-50HBE
Description  4U Rackmount Chassis with Visual Alarm Notification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-610BP-50HBE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPC-610BP-50HBE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-610BP-50HBE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IPC-610-H
Ordering Information
Part Number
Power Supply
Backplane Version
IPC-610BP-00XHE
Without power supply, with ATX switch
IPC-610BP-30HBE
96PS-A300WPS2
IPC-610BP-40HBE
96PS-A400WPS2
IPC-610BP-50HBE
96PS-A500WPS2
Motherboard Version
IPC-610MB-00XHE
Without power supply, with ATX switch
IPC-610MB-30HBE
96PS-A300WPS2
IPC-610MB-40HBE
96PS-A400WPS2
IPC-610MB-50HBE
96PS-A500WPS2
Power Supply Options
(For detailed power supply specs, please refer to Chapter 13)
Part Number
80 Plus
Grade
Wattage
Type
Input
PS8-300ATX-ZBE
Bronze
300W
Single
AC 100 ~ 240
(full range)
PS8-400ATX-ZE
Bronze
400W
Single
AC 100 ~ 240
(full range)
PS8-500ATX-ZE
Bronze
500W
Single
AC 100 ~ 240
(full range)
PS-300ATX-DC48E
-
300W
Single
DC - 48V
RPS8-350ATX-XE
Gold
350W
1+1
Redundant
AC 100 ~ 240
(full range)
RPS8-500ATX-XE
Bronze
500W
1+1
Redundant
AC 100 ~ 240
(full range)
Optional Accessories
Part Number
Description
1700006916
ATX 24P/20P + 4P + 15P 60cm (connecting from power
supply to LED board)
1700006917
Two Mini DIN (connect to MB) / 6P (connect to front I/O
board) PS2 KB/Mouse cable
IPC-DT-5230E
Mobile rack for converting dual 5.25" drive bays to three
3.5" SAS/SATA HDD trays
* If users use AIMB-763 or 3rd party motherboard, they need to purchase 1700006915 or
1700006916 for the front voltage LEDs to function normally. And they also need to purchase
1700006917 to make front PS/2 function normally.
Spare Parts
Part Number
Description
2130006147S000
Door filter 97.6 x 36.6 x 5 mm
2130004803S000
Fan filter 115 x 195 x 5 mm
523.1 [20.59]
478.6 [18.84]
98.0
[3.86]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
177.0 [6.97]
101.6
[4.00]
MB
BP
Dimensions
Unit: mm [inch]


Similar Part No. - IPC-610BP-50HBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-610BP-50HBE ADVANTECH-IPC-610BP-50HBE Datasheet
911Kb / 2P
   4U Rackmount Chassis with Visual Alarm Notification
More results

Similar Description - IPC-610BP-50HBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-610-H ADVANTECH-IPC-610-H_17 Datasheet
911Kb / 2P
   4U Rackmount Chassis with Visual Alarm Notification
IPC-610-H ADVANTECH-IPC-610-H_V01 Datasheet
934Kb / 2P
   4U Rackmount Chassis with Visual Alarm Notification
20-Feb-2020
ACP-4000 ADVANTECH-ACP-4000_12 Datasheet
2Mb / 2P
   4U Rackmount Chassis with Visual & Audible Alarm Notification
ACP-4000 ADVANTECH-ACP-4000 Datasheet
1Mb / 2P
   4U Rackmount Chassis with Visible & Audible Alarm Notification
logo
Protech Systems Co., Lt...
PCH-R400M PROTECHSYSTEMS-PCH-R400M Datasheet
110Kb / 1P
   4U Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145_17 Datasheet
405Kb / 2P
   4U Rackmount Chassis
logo
Advantech Co., Ltd.
ACP-4320 ADVANTECH-ACP-4320_17 Datasheet
884Kb / 2P
   Quiet 4U Rackmount Chassis
ACP-4000 ADVANTECH-ACP-4000_17 Datasheet
771Kb / 2P
   Quiet 4U Rackmount Chassis
SYS-4U4000-7A01 ADVANTECH-SYS-4U4000-7A01 Datasheet
1Mb / 2P
   4U Intel짰 Core??i7/i5/i3 ATX/ SBC System with Visual & Audible Alarm Notification
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
   4U 14-slot Rackmount Chassis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com