Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC-7132MB-00XE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-7132MB-00XE
Description  Cost-effective Wallmount Chassis for ATX/mATX Motherboard and 10-slot Backplane
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-7132MB-00XE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-7132MB-00XE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-7132MB-00XE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Chassis
Features
IPC-7132
Cost-effective Wallmount Chassis for
ATX/mATX Motherboard and 10-slot
Backplane
ƒ Support ATX/mATX M/B and 10-slot PICMG 1.3 backplane
ƒ Shockproof drive bay for one 5.25" ODD and three 3.5" HDDs
ƒ Thumb-screw for top cover easy opening
ƒ Bidirectional option to mount chassis on wall or workbench
ƒ Two front access USB ports
Specifications
Disk Drive Bay
External
Internal
3.5"
1
2
5.25"
1
-
Cooling
Fan
1 (12 cm/85 CFM)
Air Filters
Yes
Front I/O interface
USB 2.0
2
Miscellaneous
LED Indicators
Power, HDD
Control
Power Switch, System Reset Button
Rear panel
4x USB, 2x DB-9, 1x LPT port
Environment
Operating
Non-operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85 % @ 40° C, non-condensing
10 ~ 95 % @ 40° C, non-condensing
Vibration (5-500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
Physical Characteristics
Dimensions (W x H x D)
200 x 330 x 430 mm (7.9" x 13" x 16.9")
Weight
9.96 kg (21.93 lb)
Inside view
Front view
Rear view
IPC-7132MB
IPC-7132BP
Easy-to-maintain cooling fan
IPC-7132MB
IPC-7132BP
Power Supply
Power Switch
System reset
button
PWR/HDD
LED
2x USB ports
Power Supply
hold-down
clamp
hold-down
clamp
5.25" ODD bay
5.25" ODD bay
4x USB ports
4x USB ports
2x DB-9 ports
2x DB-9 ports
1x LPT port
1x LPT port
3.5" HDD bay
3.5" HDD bay
RoHS
COMPLIANT
2002/95/EC
Last updated : 26-Aug-2015
All product specifications are subject to change without notice


Similar Part No. - IPC-7132MB-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-7132MB-00XE ADVANTECH-IPC-7132MB-00XE Datasheet
2Mb / 2P
   Cost-effective Wallmount Chassis for ATX/mATX Motherboard and 10-slot Backplane
IPC-7132MB-00XE ADVANTECH-IPC-7132MB-00XE Datasheet
835Kb / 2P
   Cost-effective Wallmount Chassis for ATX/mATX Motherboard
More results

Similar Description - IPC-7132MB-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-7132 ADVANTECH-IPC-7132 Datasheet
2Mb / 2P
   Cost-effective Wallmount Chassis for ATX/mATX Motherboard and 10-slot Backplane
IPC-7132 ADVANTECH-IPC-7132_17 Datasheet
835Kb / 2P
   Cost-effective Wallmount Chassis for ATX/mATX Motherboard
IPC-7132 ADVANTECH-IPC-7132_V01 Datasheet
836Kb / 2P
   Cost-effective Wallmount Chassis for ATX/uATX Motherboard
2-Apr-2018
IPC-900 ADVANTECH-IPC-900 Datasheet
965Kb / 2P
   Cost-effective Wallmount Chassis for ATX/uATX Motherboard
2-Apr-2018
IPC-7220 ADVANTECH-IPC-7220_15 Datasheet
913Kb / 2P
   Desktop/wallmount Chassis for ATX/mATX Motherboard
IPC-7220 ADVANTECH-IPC-7220_17 Datasheet
1Mb / 2P
   Desktop/wallmount Chassis for ATX/mATX Motherboard
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM_16 Datasheet
347Kb / 2P
   1U Cost-effective Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
IPC-5120 ADVANTECH-IPC-5120_15 Datasheet
1,004Kb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
IPC-7220 ADVANTECH-IPC-7220 Datasheet
833Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard
IPC-5120 ADVANTECH-IPC-5120_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
1-Jun-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com