Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1809ETI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1809ETI
Description  3A, 1MHz, DDR Memory Termination Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1809ETI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1809ETI Datasheet HTML 1Page - Maxim Integrated Products MAX1809ETI Datasheet HTML 2Page - Maxim Integrated Products MAX1809ETI Datasheet HTML 3Page - Maxim Integrated Products MAX1809ETI Datasheet HTML 4Page - Maxim Integrated Products MAX1809ETI Datasheet HTML 5Page - Maxim Integrated Products MAX1809ETI Datasheet HTML 6Page - Maxim Integrated Products MAX1809ETI Datasheet HTML 7Page - Maxim Integrated Products MAX1809ETI Datasheet HTML 8Page - Maxim Integrated Products MAX1809ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
3A, 1MHz, DDR Memory Termination Supply
_______________________________________________________________________________________
5
LOAD-TRANSIENT RESPONSE
0A
0V
50mV/div
IOUT
5A/div
V(LX)
5V/div
VOUT
(AC-COUPLED)
10
µs/div
VEXTREF = 1.25V, VIN = 3.3V, IOUT = -2A to +2A to -2A
RDROOP 12m
LINE-TRANSIENT RESPONSE
0V
50mV/div
VIN
2V/div
VOUT
(AC-COUPLED)
20
µs/div
IOUT = 2A, VIN = 5V to 3.3V to 5V
SWITCHING WAVEFORMS (SOURCING)
0V
50mV/div
V(LX)
5V/div
VOUT
(AC-COUPLED)
400ns/div
IOUT = 2A, VIN = 5V
I(LX)
2A/div
0A
SWITCHING WAVEFORMS (SINKING)
0V
50mV/div
V(LX)
5V/div
VOUT
(AC-COUPLED)
400ns/div
IOUT = -2A, VIN = 5V
I(LX)
2A/div
0A
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VOUT = 1.25V, for VIN = 5V: L = 1µH, RTOFF = 130k
Ω; for VIN = 3.3V: L = 0.68µH, RTOFF = 73.2kΩ.)


Similar Part No. - MAX1809ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX180-MAX181 MAXIM-MAX180-MAX181 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
   Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
MAX18000AWT+T AD-MAX18000AWT+T Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results

Similar Description - MAX1809ETI

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
EV20075DH-00A MPS-EV20075DH-00A Datasheet
147Kb / 4P
   3A, 1.30V ??3.6V DDR Memory VTT Termination Regulator
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
logo
Unisonic Technologies
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com