Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1798A Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1798A
Description  CDMA Cellular/PCS System Power Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1798A Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1798A Datasheet HTML 5Page - Maxim Integrated Products MAX1798A Datasheet HTML 6Page - Maxim Integrated Products MAX1798A Datasheet HTML 7Page - Maxim Integrated Products MAX1798A Datasheet HTML 8Page - Maxim Integrated Products MAX1798A Datasheet HTML 9Page - Maxim Integrated Products MAX1798A Datasheet HTML 10Page - Maxim Integrated Products MAX1798A Datasheet HTML 11Page - Maxim Integrated Products MAX1798A Datasheet HTML 12Page - Maxim Integrated Products MAX1798A Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CDMA Cellular/PCS System
Power Supplies
_______________________________________________________________________________________
9
20
µs/div
LINE-TRANSIENT RESPONSE
MAX1798/99-13
VIN = 3.7V TO 4.0V, VOUT = 2.98V
ILOAD = 100mA
2
µs/div
LOAD-TRANSIENT RESPONSE
MAX1798/99-14
VIN1 = 3.5V, VOUT1 = 2.98V
ILOAD = 20mA TO 200mA, OUT2/3/4/5 = OFF
2
µs/div
LOAD-TRANSIENT RESPONSE
(NEAR DROPOUT)
MAX1798/99-15
VIN1 = 3.1V, VOUT1 = 2.98V
ILOAD = 20mA TO 200mA, OUT2/3/4/5 = OFF
10ms/div
ENTERING SHUTDOWN
VOUT1
1V/div
OFF
2V/div
ILOAD = 0
40ms/div
STARTUP
VOUT
2V/div
ON
2V/div
RSO
2V/div
TSSOP SAFE OPERATING AREA
(POWER DISSIPATION LIMIT)
TA = +25
°C
TA = +85
°C
MAX TOTAL OUTPUT CURRENT
200
400
300
600
500
900
800
700
1000
2.5
3.5
3.0
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
VOUT = 2.98V
VOUT = 1.8V
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
QFN SAFE OPERATING AREA
(POWER DISSIPATION LIMIT)
TA = +25
°C
TA = +85
°C
MAX RECOMMENDED OUTPUT CURRENT
200
400
300
600
500
900
800
700
1000
2.5
3.5
3.0
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
VOUT = 2.98V
VOUT = 1.8V


Similar Part No. - MAX1798A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1798A MAXIM-MAX1798A Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
MAX1798AETP++ MAXIM-MAX1798AETP+ Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
MAX1798AEUP++ MAXIM-MAX1798AEUP+ Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
More results

Similar Description - MAX1798A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1798 MAXIM-MAX1798_10 Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
   CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
logo
RF Micro Devices
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377_06 Datasheet
147Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
ANADIGICS, Inc
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com