Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1813 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1813
Description  Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1813 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1813 Datasheet HTML 6Page - Maxim Integrated Products MAX1813 Datasheet HTML 7Page - Maxim Integrated Products MAX1813 Datasheet HTML 8Page - Maxim Integrated Products MAX1813 Datasheet HTML 9Page - Maxim Integrated Products MAX1813 Datasheet HTML 10Page - Maxim Integrated Products MAX1813 Datasheet HTML 11Page - Maxim Integrated Products MAX1813 Datasheet HTML 12Page - Maxim Integrated Products MAX1813 Datasheet HTML 13Page - Maxim Integrated Products MAX1813 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Dynamically-Adjustable, Synchronous Step-Down
Controller with Integrated Voltage Positioning
10
______________________________________________________________________________________
40
µs/div
OUTPUT OVERLOAD WAVEFORM
40A
0
A
B
MAX1813 toc18
0
-100mV
20A
100mV
A. IOUT = 0 TO 40A, (0 to 35m
Ω), 20A/div
B. VOUT = 1.4V, 1V/div
C. VPCS, 200mV/div
ILIM = VCC
1.4V
C
40
µs/div
DYNAMIC TRANSITION
(ZMODE TRANSITION)
5V
0
A
B
MAX1813 toc19
-10A
1.2V
5V
1.3V
A. VZMODE = 0 TO 5V, 5V/div
B. PGOOD, 5V/div
C. INDUCTOR CURRENT, 10A/div
D. VOUT = 1.3V TO 1.15V, IOUT = 1A, 100mV/div
CODE = VCC
10A
0
1.1V
C
D
40
µs/div
DYNAMIC TRANSITION
(SUS TRANSITION)
5V
0
A
B
MAX1813 toc20
-5A
1.3V
5V
-15A
A. VSUS = 0 TO 5V, 5V/div
B. PGOOD, 5V/div
C. INDUCTOR CURRENT, 10A/div
D. VOUT = 1.3V TO 0.85V, IOUT = 1A, 500mV/div
CODE = VCC
15A
5A
0.85V
C
D
Typical Operating Characteristics (continued)
(Circuit from Figure 1, components from Table 2, TA = +25
°C, unless otherwise noted.)
20
µs/div
LOAD TRANSIENT
(PWM MODE)
20A
0
A
B
MAX1813 toc15
1.41V
1.31V
10A
1.36V
A. IOUT = 0.3A TO 22A, 10A/div
B. VOUT = 1.4V, 50mV/div
SKP/SDN = FLOAT
20
µs/div
LOAD TRANSIENT
(SKIP MODE)
20A
0
A
B
MAX1813 toc16
1.41V
1.31V
10A
1.36V
A. IOUT = 0.3A TO 22A, 10A/div
B. VOUT = 1.4V, 50mV/div
SKP/SDN = VCC
20
µs/div
LOAD TRANSIENT
(VOLTAGE POSITIONING DISABLED)
20A
0
A
B
MAX1813 toc17
1.46V
1.36V
10A
1.41V
A. IOUT = 0.3A to 22A, 10A/div
B. VOUT = 1.4V, 50mV/div
SKP/SDN = FLOAT


Similar Part No. - MAX1813

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX181 MAXIM-MAX181 Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
MAX1810 MAXIM-MAX1810 Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
MAX1810ESA MAXIM-MAX1810ESA Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
MAX1811 MAXIM-MAX1811 Datasheet
167Kb / 8P
   USB-Powered Li Charger
19-2024; Rev 2; 6/03
MAX1811 MAXIM-MAX1811 Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
More results

Similar Description - MAX1813

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1716 MAXIM-MAX1716 Datasheet
840Kb / 33P
   High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning
19-1758; Rev 0; 8/00
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com