Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS7142G Datasheet(PDF) 11 Page - International Rectifier

Part # AUIPS7142G
Description  DUAL CHANNELS CURRENT SENSE HIGH SIDE SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7142G Datasheet(HTML) 11 Page - International Rectifier

Back Button AUIPS7142G Datasheet HTML 7Page - International Rectifier AUIPS7142G Datasheet HTML 8Page - International Rectifier AUIPS7142G Datasheet HTML 9Page - International Rectifier AUIPS7142G Datasheet HTML 10Page - International Rectifier AUIPS7142G Datasheet HTML 11Page - International Rectifier AUIPS7142G Datasheet HTML 12Page - International Rectifier AUIPS7142G Datasheet HTML 13Page - International Rectifier AUIPS7142G Datasheet HTML 14Page - International Rectifier AUIPS7142G Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AUIPS7142G
www.irf.com
11
0.0
1.0
2.0
3.0
4.0
5.0
6.0
02
46
8
10
12
14
25°C
150°C
-40°C
1
10
100
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Inductance (µH)
Iout, output current (A)
Figure 9 – Max. Iout (A) Vs inductance (µH)
Figure 10 – Ifb (mA) Vs Iout (A)
0.0001
0.001
0.01
0.1
1
10
100
05
101520
'-40°C/ 2ch
'25°C/ 2ch
'125°C/ 2ch
Iout, output current per channel(A)
Figure 11 – Tsd (s) Vs I out (A)
2 channels on


Similar Part No. - AUIPS7142G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS7142G INFINEON-AUIPS7142G Datasheet
154Kb / 17P
   AUIPS7142G
March, 24th 2011 Revision A6
More results

Similar Description - AUIPS7142G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
logo
International Rectifier
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
logo
International Rectifier
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
logo
International Rectifier
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com