Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS71451G Datasheet(PDF) 9 Page - International Rectifier

Part # AUIPS71451G
Description  CURRENT SENSE HIGH SIDE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS71451G Datasheet(HTML) 9 Page - International Rectifier

Back Button AUIPS71451G Datasheet HTML 5Page - International Rectifier AUIPS71451G Datasheet HTML 6Page - International Rectifier AUIPS71451G Datasheet HTML 7Page - International Rectifier AUIPS71451G Datasheet HTML 8Page - International Rectifier AUIPS71451G Datasheet HTML 9Page - International Rectifier AUIPS71451G Datasheet HTML 10Page - International Rectifier AUIPS71451G Datasheet HTML 11Page - International Rectifier AUIPS71451G Datasheet HTML 12Page - International Rectifier AUIPS71451G Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AUIPS71451G
www.irf.com
9
Tj
Tsd
165°C
Ids
Vin
I shutdown
Tshutdown
Vifb
V fault
Figure 3
– Protection timing diagram
Figure 1
– IN rise time & switching definitions
Vds
Ids
Vcc-Vin
Vcc
Vds clamp
T clamp
See Application Notes to evaluate power dissipation
Figure 2
– Active clamp waveforms
0
2
4
6
8
10
-50
0
50
100
150
Tj, junction temperature (°C)
Figure 4
– Icc off (µA) Vs Tj (°C)
Vout
Vcc-Vin
80%
20%
80%
20%
Td on
Tr
Td off
Tf


Similar Part No. - AUIPS71451G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
AUIPS71451GTR INFINEON-AUIPS71451GTR Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
More results

Similar Description - AUIPS71451G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
logo
International Rectifier
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
logo
International Rectifier
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
logo
International Rectifier
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com