Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS72211R Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS72211R
Description  LOW EMI PWM INTELLIGENT POWER HIGH SIDE SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS72211R Datasheet(HTML) 3 Page - International Rectifier

  AUIPS72211R_15 Datasheet HTML 1Page - International Rectifier AUIPS72211R_15 Datasheet HTML 2Page - International Rectifier AUIPS72211R_15 Datasheet HTML 3Page - International Rectifier AUIPS72211R_15 Datasheet HTML 4Page - International Rectifier AUIPS72211R_15 Datasheet HTML 5Page - International Rectifier AUIPS72211R_15 Datasheet HTML 6Page - International Rectifier AUIPS72211R_15 Datasheet HTML 7Page - International Rectifier AUIPS72211R_15 Datasheet HTML 8Page - International Rectifier AUIPS72211R_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUIPS72211R
www.irf.com
3
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. (Tj= -40°C..150°C,
Vcc=6..60V unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Gnd-3 Vcc+0.3
V
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
65
I in max.
Maximum input current
-3
10
mA
Pd
Maximum power dissipation (internally limited by thermal protection)
W
Rth=50°C/W 1”sqrt. footprint
2.5
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient
50
°C/W
Rth2
Thermal resistance junction to case
1.2
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
2.7
5.5
V
VIL
Low level input voltage
0
0.9
Rin
Recommended resistor in series with IN pin
2(1)
10(2)
kΩ
Rdg
Recommended resistor in series with dg pin
2(1)
10(2)
F max.
Max. switching frequency
100
kHz
Cboot
Bootstrap capacitor
30
50
nF
(1) Limited by the maximum input current
(2) Limited by the input capacitor


Similar Part No. - AUIPS72211R_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS72211R INFINEON-AUIPS72211R Datasheet
711Kb / 14P
   LOW EMI PWM INTELLIGENT POWER HIGH SIDE SWITCH
Rev 1.1 2017-06-03
More results

Similar Description - AUIPS72211R_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS72211R INFINEON-AUIPS72211R Datasheet
711Kb / 14P
   LOW EMI PWM INTELLIGENT POWER HIGH SIDE SWITCH
Rev 1.1 2017-06-03
logo
International Rectifier
AUIPS7221R IRF-AUIPS7221R Datasheet
278Kb / 13P
   PWM INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7221R INFINEON-AUIPS7221R Datasheet
560Kb / 14P
   PWM INTELLIGENT POWER HIGH SIDE SWITCH
February, 21st 2012 revision D
logo
International Rectifier
AUIPS7221R IRF-AUIPS7221R_15 Datasheet
560Kb / 14P
   PWM INTELLIGENT POWER HIGH SIDE SWITCH
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com