Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1994ETM Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1994ETM
Description  Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1994ETM Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1994ETM Datasheet HTML 1Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 2Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 3Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 4Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 5Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 6Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 7Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 8Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Dual Step-Down Controllers Plus Linear-
Regulator Controller for Notebook Computers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, V+ = 15V, VOUT1 = 1.20V, VOUT2 = 2.50V, VCC = VDD = 5.0V, VSKP1/SDN = VSKP2/SDN = VLIN/SDN = 5.0V,
TA = 0°C to +85°C. Typical values are at TA = +25
°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILIM1 Default Threshold
VCC -
1.5
VCC -
1.0
VCC -
0.5
V
BUCK1 Current-Limit Threshold
(Fixed)
CS1+ - CS1-; VILIM1 = VCC
40
50
60
mV
CS1+ - CS1-; VILIM1 = 0.5V
40
50
60
BUCK1 Current-Limit Threshold
(Adjustable)
CS1+ - CS1-; VILIM1 = 2.0V
160
200
240
mV
BUCK1 Negative Current-Limit
Threshold (Fixed)
CS1+ - CS1-; VILIM1 = VCC
-90
-72
-55
mV
ILIM1 Input Bias Current
0 to 2V
-100
+100
nA
CS2 Input Bias Current
0 to 28V
-1
+1
µA
ILIM2 Default Threshold
VCC -
1.5
VCC -
1.0
VCC -
0.5
V
BUCK2 Current-Limit Threshold
(Fixed)
AGND - CS2; VILIM2 = VCC
40
50
60
mV
AGND - CS2; VILIM2 = 0.5V
40
50
60
BUCK2 Current-Limit Threshold
(Adjustable)
AGND - CS2; VILIM2 = 2.0V
160
200
240
mV
BUCK2 Negative Current-Limit
Threshold (Fixed)
AGND - CS2; VILIM2 = VCC
-90
-72
-55
mV
ILIM2 Input Bias Current
0 to 2V
-100
+100
nA
Thermal-Shutdown Threshold
15°C hysteresis
160
oC
VCC Undervoltage Lockout
Threshold
Rising edge, hysteresis = 20mV
4.10
4.45
V
DH1 Gate-Driver On-Resistance
BST1–LX1 forced to 5V (Note 4)
1
4.5
DL1 high state (pullup) (Note 4)
1
4.5
DL1 Gate-Driver On-Resistance
DL1 low state (pulldown) (Note 4)
0.35
2
DH1 Gate-Driver Source/Sink
Current
DH1 forced to 2.5V, BST–LX forced to 5V
1.5
A
DL1 Gate-Driver Sink Current
DL1 forced to 2.5V
5
A
DL1 Gate-Driver Source Current
DL1 forced to 2.5V
1.5
A
DL1 rising
35
Dead Time
DH1 rising
26
ns
DH2 Gate-Driver On-Resistance
BST2–LX2 forced to 5V (Note 4)
2
8
DL2 high state (pullup) (Note 4)
2
8
DL2 Gate-Driver On-Resistance
DL2 low state (pulldown) (Note 4)
0.7
3


Similar Part No. - MAX1994ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX199 MAXIM-MAX199 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992 MAXIM-MAX1992 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
More results

Similar Description - MAX1994ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com