Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1818EUAT__ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1818EUAT__
Description  500mA Low-Dropout Linear Regulator in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1818EUAT__ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1818EUAT__ Datasheet HTML 1Page - Maxim Integrated Products MAX1818EUAT__ Datasheet HTML 2Page - Maxim Integrated Products MAX1818EUAT__ Datasheet HTML 3Page - Maxim Integrated Products MAX1818EUAT__ Datasheet HTML 4Page - Maxim Integrated Products MAX1818EUAT__ Datasheet HTML 5Page - Maxim Integrated Products MAX1818EUAT__ Datasheet HTML 6Page - Maxim Integrated Products MAX1818EUAT__ Datasheet HTML 7Page - Maxim Integrated Products MAX1818EUAT__ Datasheet HTML 8Page - Maxim Integrated Products MAX1818EUAT__ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
500mA Low-Dropout
Linear Regulator in SOT23
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = (VOUT + 500mV) or +2.5V, whichever is greater; SHDN = IN, CIN = 1µF, COUT = 3.3µF, TA = +25°C, unless otherwise noted.)
0
60
30
120
90
150
180
0
0.2
0.1
0.3
0.4
0.5
LOAD CURRENT (A)
VOUT = 3.3V
DROPOUT VOLTAGE
vs. LOAD CURRENT
TA = +85
°C
TA = +25
°C
TA = -40
°C
-3.0
-2.0
-2.5
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
0
0.2 0.3 0.4
0.1
0.5 0.6 0.7
0.9
0.8
1.0
OUTPUT VOLTAGE ACCURACY
vs. LOAD CURRENT
3.3V OUTPUT
2.5V OUTPUT
1.8V OUTPUT
-3.0
-2.0
-2.5
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
TEMPERATURE (
°C)
OUTPUT VOLTAGE ACCURACY
vs. TEMPERATURE
VOUT = 1.5V TO 5.0V
ILOAD = 150mA
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
80
0
20
10
40
30
50
60
70
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
COUT = 3.3
µF
VOUT = 3.3V
RLOAD = 100
LINE TRANSIENT
MAX1818 toc08
VIN
VOUT
100
µs/div
LOAD-TRANSIENT RESPONSE
MAX1818 toc09
IOUT
VOUT
500mA
100mA
40
µs/div
VIN = 3.3V
VOUT = 2.5V
LOAD-TRANSIENT RESPONSE
NEAR DROPOUT
MAX1818 toc10
0
10
µs/div
VIN = VOUT + 100mV
VOUT = 3.3V
POWER-ON RESET
MAX1818 toc11
VIN
VPOK
VOUT
0
0
0
2V/div
10ms/div


Similar Part No. - MAX1818EUAT__

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
More results

Similar Description - MAX1818EUAT__

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1792 MAXIM-MAX1792 Datasheet
414Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 0; 9/00
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com