Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1822ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1822ESA
Description  High-Side Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1822ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1822ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1822ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1822ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1822ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1822ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1822ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1822ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1822ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1822ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
_______________General Description
The MAX1822 high-side supply, using a regulated
charge pump, generates a regulated output voltage
11V greater than the input supply voltage to power
high-side switching and control circuits. The MAX1822
allows low-resistance N-channel MOSFETs (FETs) to be
used in circuits that normally require costly, less effi-
cient P-channel FETs and PNP transistors. The high-
side output also eliminates the need for logic FETs in
+5V and other low-voltage switching circuits.
A +3.5V to +16.5V input supply range and a typical qui-
escent current of only 150µA make the MAX1822 ideal
for a wide range of line- and battery-powered switching
and control applications where efficiency is crucial.
Also provided is a logic-level power-ready output (PR)
to indicate when the high-side voltage reaches the
proper level.
The MAX1822 comes in an 8-pin SO package and
requires three inexpensive external capacitors. The
MAX1822 is a pin-for-pin replacement to the MAX622.
________________________Applications
High-Side Power Control with N-Channel FETs
Low-Dropout Voltage Regulators
Power Switching from Low Supply Voltages
H-Switches
Stepper Motor Drivers
Battery-Load Management
Portable Computers
____________________________Features
o +3.5V to +16.5V Operating Supply Voltage Range
o Output Voltage Regulated to VCC + 11V (typ)
o 150µA (typ) Quiescent Current
o Power-Ready Output
High-Side Power Supply
________________________________________________________________ Maxim Integrated Products
1
C2+
VOUT
GND
1
2
8
7
VCC
C1-
C2-
PR
C1+
SO
TOP VIEW
3
4
6
5
MAX1822
Pin Configuration
MAX1822
+3.5V TO +16.5V
0.1
µF
CERAMIC
GND
+12.5V TO +27.5V
1
8
5
3
PR
VOUT
VCC
7
C1
C3
4
C1+
C1-
C2+
C2-
6
2
C2
Typical Operating Circuit
19-1892; Rev 0; 1/01
PART
MAX1822ESA
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
Ordering Information
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1822ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1822ESA MAXIM-MAX1822ESA Datasheet
175Kb / 10P
   High-Side Power Supply
Rev 0; 1/01
More results

Similar Description - MAX1822ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1822EPA MAXIM-MAX1822EPA Datasheet
175Kb / 10P
   High-Side Power Supply
Rev 0; 1/01
logo
Diodes Incorporated
AP3783 DIODES-AP3783 Datasheet
576Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
logo
Texas Instruments
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
logo
Diodes Incorporated
AP3983R DIODES-AP3983R Datasheet
696Kb / 15P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3783R DIODES-AP3783R Datasheet
589Kb / 17P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
AP3785T DIODES-AP3785T Datasheet
659Kb / 18P
   PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com