Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1831EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1831EEE
Description  3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1831EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1831EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1831EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1831EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1831EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1831EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1831EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1831EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1831EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1831EEE Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3A, 1MHz, Low-Voltage, Step-Down Regulators with
Synchronous Rectification and Internal Switches
_______________________________________________________________________________________
9
Synchronous Rectification
In a step-down regulator without synchronous rectifica-
tion, an external Schottky diode provides a path for cur-
rent to flow when the inductor is discharging. Replacing
the Schottky diode with a low-resistance NMOS syn-
chronous switch reduces conduction losses and
improves efficiency.
The NMOS synchronous-rectifier switch turns on follow-
ing a short delay after the PMOS power switch turns off,
thus preventing cross conduction or “shoot through.” In
constant-off-time mode, the synchronous-rectifier
switch turns off just prior to the PMOS power switch
turning on. While both switches are off, inductor current
flows through the internal-body diode of the NMOS
switch. The internal-body diode’s forward voltage is rel-
atively high. An external Schottky diode from PGND to
LX can improve efficiency.
Thermal Resistance
Junction-to-ambient thermal resistance,
θJA, is highly
dependent on the amount of copper area immediately
surrounding the IC leads. The MAX1830/MAX1831
evaluation kit has 0.7in2 of copper area and a thermal
resistance of +71°C/W with no forced airflow. Airflow
over the board significantly reduces the junction-to-
ambient thermal resistance. For heatsinking purposes,
evenly distribute the copper area connected at the IC
among the high-current pins.
Power Dissipation
Power dissipation in the MAX1830/MAX1831 is domi-
nated by conduction losses in the two internal power
switches. Power dissipation due to supply current in the
control section and average current used to charge
and discharge the gate capacitance of the internal
switches (i.e., switching losses) is approximately:
PDS = C x VIN2 x fPWM
where C = 5nF and fPWM is the switching frequen-
cy in PWM mode.
This number is reduced when the switching frequency
decreases as the part enters Idle Mode. Combined con-
duction losses in the two power switches are approxi-
mated by:
PD = IOUT2 x RPMOS
where RPMOS is the on-resistance of the PMOS switch.
The junction-to-ambient thermal resistance required to
dissipate this amount of power is calculated by:
θJA = (TJ,MAX - TA,MAX) / PD(TOT)
where:
θJA = junction-to-ambient thermal resistance
TJ,MAX = maximum junction temperature
TA,MAX = maximum ambient temperature
PD(TOT) = total losses
Design Procedure
For typical applications, use the recommended compo-
nent values in Table 1. For other applications, take the
following steps:
1) Select the desired PWM-mode switching frequency;
1MHz is a good starting point. See Figure 3 for maxi-
mum operating frequency.
2) Select the constant off-time as a function of input
voltage, output voltage, and switching frequency.
3) Select RTOFF as a function of off-time.
4) Select the inductor as a function of output voltage,
off-time, and peak-to-peak inductor current.
Setting the Output Voltage
The output of the MAX1830/MAX1831 is selectable
between one of three preset output voltages. For a pre-
set output voltage, connect FB to the output voltage
and connect FBSEL as indicated in Table 2. For an
adjustable output voltage, connect FBSEL to GND and
connect FB to a resistive divider between the output
Figure 4. Adjustable Output Voltage
Table 2. Output Voltage Programming
LX
R2
R1
R1 = 30k
R2 = R1(VOUT / VREF - 1)
VREF = 1.1V
FB
VOUT
MAX1830
MAX1831
PIN
OUTPUT VOLTAGE (V)
FBSEL
FB
MAX1830
MAX1831
VCC
Output voltage
2.5
2.5
Unconnected
Output voltage
1.5
1.5
REF
Output voltage
1.8
3.3
GND
Resistive divider
Adjustable


Similar Part No. - MAX1831EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX183 MAXIM-MAX183 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX183-MAX185 MAXIM-MAX183-MAX185 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
MAX1832 MAXIM-MAX1832 Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
MAX1832EUT+T MAXIM-MAX1832EUT+T Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
More results

Similar Description - MAX1831EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1843 MAXIM-MAX1843 Datasheet
366Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator with Internal Synchronous Rectification in QFN Package
19-1986; Rev 1; 3/02
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
   1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com