Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1832EUT-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1832EUT-T
Description  High-Efficiency Step-Up Converters with Reverse Battery Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1832EUT-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1832EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High-Efficiency Step-Up Converters with
Reverse Battery Protection
6
_______________________________________________________________________________________
10
µH
GND
RST
+1.5V TO +3.3V
OUT
OUTPUT
+3.3V
POWER-ON
RESET
BATT
BATTERY
SHDN
LX
MAX1833
MAX1835
100k
10
µF
R4
220k
R3
1M
C1
10nF
10
µF
10
µH
GND
FB
+1.5V TO +5.0V
OUT
OUTPUT
+5.0V
BATT
BATTERY
SHDN
LX
MAX1832
MAX1834
R2
309k
R1
100k
R3
1M
R4
220k
C1
10nF
10
µF
Pin Description
PIN
MAX1832
MAX1834
MAX1833
MAX1835
NAME
FUNCTION
11
SHDN
Shutdown. A high logic level turns on the device. When SHDN is low the part is off,
and the current into BATT is typically 0.1µA. For the MAX1832/MAX1833, the
battery is connected to OUT through an internal PFET and the external inductor
when SHDN is low. SHDN can be used for low-battery cutoff (1.228V threshold).
See Low-Battery Cutoff. SHDN has reverse battery protection.
2
2
BATT
Battery Voltage Connection. BATT has reverse battery protection.
3
3
GND
Ground
44
LX
Inductor Connection. N-channel MOSFET switch drain and synchronous
rectifier P-channel switch drain. LX has reverse battery protection.
5
5
OUT
Output Voltage. Bootstrapped supply for the device. Output sense point for
MAX1833/MAX1835.
6
FB
MAX1832/MAX1834 Feedback Input. Set the output voltage through a
resistor-divider network. See Setting the Output Voltage.
6
RST
MAX1833/MAX1835 Power-On Reset Open-Drain Output. RST pulls low when
the output is 10% below the regulation point. If not used, connect to GND.
Figure 1a. MAX1833/MAX1835 Typical Operating Circuit
Figure 1b. MAX1832/MAX1834 Typical Operating Circuit


Similar Part No. - MAX1832EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1832EUT+T MAXIM-MAX1832EUT+T Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
More results

Similar Description - MAX1832EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
logo
Linear Technology
LTC3499 LINER-LTC3499 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
logo
Richtek Technology Corp...
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
   4 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Texas Instruments
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Texas Instruments
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
logo
Sangdest Microelectroni...
SK56A SMC-SK56A Datasheet
142Kb / 6P
   Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
   Reverse battery protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com