Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRS2012S Datasheet(PDF) 4 Page - International Rectifier

Part # AUIRS2012S
Description  High and low side gate driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2012S Datasheet(HTML) 4 Page - International Rectifier

  AUIRS2012S_15 Datasheet HTML 1Page - International Rectifier AUIRS2012S_15 Datasheet HTML 2Page - International Rectifier AUIRS2012S_15 Datasheet HTML 3Page - International Rectifier AUIRS2012S_15 Datasheet HTML 4Page - International Rectifier AUIRS2012S_15 Datasheet HTML 5Page - International Rectifier AUIRS2012S_15 Datasheet HTML 6Page - International Rectifier AUIRS2012S_15 Datasheet HTML 7Page - International Rectifier AUIRS2012S_15 Datasheet HTML 8Page - International Rectifier AUIRS2012S_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AUIRS2012S
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
February 25, 2015
4
Dynamic Electrical Characteristics
Unless
otherwise
specified,
these
specifications
apply
for
an
operating
junction
temperature
range
of -40°C
≤Ta≤125°C and power supplies V
BIAS (i.e. VCC & VBS)= 15V, CL = 1000pF. Refer to Figure 1 for switching
time definition.
Input/Output table
HIN
LIN
HO
LO
L
L
L
L
H
L
H
L
L
H
L
H
H
H
H
H
This table is held true in the voltages ranges defined in the recommended operating conditions section.
Symbol
Definition
Min Typ Max Units Test Conditions
Propagation delay characteristics
tON
Turn-on propagation delay
60
120
ns
VS=0V and 200V
tOFF
Turn-off propagation delay
60
120
VS=0V and 200V
tr
Turn-on rise time
22
46
tf
Turn-off fall time
15
35
DM1
Channel to channel turn on delay matching
20
DM2
Channel to channel turn off delay matching
20


Similar Part No. - AUIRS2012S_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRS2012S INFINEON-AUIRS2012S Datasheet
464Kb / 11P
   High and low side gate driver
February 25, 2015
More results

Similar Description - AUIRS2012S_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
Infineon Technologies A...
AUIRS2012S INFINEON-AUIRS2012S Datasheet
464Kb / 11P
   High and low side gate driver
February 25, 2015
logo
Fairchild Semiconductor
FAN7842 FAIRCHILD-FAN7842_07 Datasheet
364Kb / 13P
   High and Low Side Gate Driver
logo
ON Semiconductor
FAN7382 ONSEMI-FAN7382 Datasheet
377Kb / 16P
   High- and Low-Side Gate Driver
Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com