Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1611 Datasheet(PDF) 9 Page - LDT Co., Ltd

Part # LD1611
Description  High Power LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1611 Datasheet(HTML) 9 Page - LDT Co., Ltd

Back Button LD1611 Datasheet HTML 5Page - LDT Co., Ltd LD1611 Datasheet HTML 6Page - LDT Co., Ltd LD1611 Datasheet HTML 7Page - LDT Co., Ltd LD1611 Datasheet HTML 8Page - LDT Co., Ltd LD1611 Datasheet HTML 9Page - LDT Co., Ltd LD1611 Datasheet HTML 10Page - LDT Co., Ltd LD1611 Datasheet HTML 11Page - LDT Co., Ltd LD1611 Datasheet HTML 12Page - LDT Co., Ltd LD1611 Datasheet HTML 13Page - LDT Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Ver1.1
9
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
LD1611
High Power LED Driver
11.4 Layout Considerations
For high frequency and high current switching power supplies, layout is an important design step.
To reduce switching losses, the switch rise and fall times are made as short as possible.
Minimize the length and area of all traces connected to the switch and always use a ground plane under
the switching regulator to inter-plane coupling.
The loop including LEDs, the PFM switch and schottky diode contains high current rising and falling and
should be kept as short as possible.
The input capacitor needs not only to be close to the VIN pin, but also to the GND pin in order to reduce
the supply ripple.
11.5 Thermal Considerations
The maximum IC junction temperature should be restricted to 125℃ under normal operating conditions.
Calculate the maximum allowable dissipation, P
D,MAX, and keep the actual dissipation less than or equal
to P
D,MAX.
P
D,MAX = (125℃ – TA) / R
JA
where, T
A : maximum ambient temperature, R
JA : thermal resistance junction to ambient


Similar Part No. - LD1611

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1610 LDT-LD1610 Datasheet
536Kb / 16P
   High Power LED Driver
More results

Similar Description - LD1611

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com