Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002CK Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 2N7002CK
Description  60 V, 0.3 A N-channel Trench MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N7002CK Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 2N7002CK_15 Datasheet HTML 5Page - NXP Semiconductors 2N7002CK_15 Datasheet HTML 6Page - NXP Semiconductors 2N7002CK_15 Datasheet HTML 7Page - NXP Semiconductors 2N7002CK_15 Datasheet HTML 8Page - NXP Semiconductors 2N7002CK_15 Datasheet HTML 9Page - NXP Semiconductors 2N7002CK_15 Datasheet HTML 10Page - NXP Semiconductors 2N7002CK_15 Datasheet HTML 11Page - NXP Semiconductors 2N7002CK_15 Datasheet HTML 12Page - NXP Semiconductors 2N7002CK_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2N7002CK_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 September 2009
11 of 13
NXP Semiconductors
2N7002CK
60 V, 0.3 A N-channel Trench MOSFET
10. Revision history
Table 8.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
2N7002CK_1
20090911
Product data sheet
-
-


Similar Part No. - 2N7002CK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002CK NXP-2N7002CK Datasheet
83Kb / 13P
   60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-11 September 2009
More results

Similar Description - 2N7002CK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002P NXP-2N7002P Datasheet
173Kb / 16P
   60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-19 April 2010
2N7002PW NXP-2N7002PW Datasheet
173Kb / 16P
   60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-22 April 2010
2N7002CK NXP-2N7002CK Datasheet
83Kb / 13P
   60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-11 September 2009
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
   60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
   60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
   60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
   60 V, N-channel Trench MOSFET
13 May 2019
PMX800ENE NEXPERIA-PMX800ENE Datasheet
274Kb / 14P
   60 V, N-channel Trench MOSFET
12 July 2023
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
   60 V, N-channel Trench MOSFET
14 December 2017
PMV164ENE NEXPERIA-PMV164ENE Datasheet
273Kb / 15P
   60 V, N-channel Trench MOSFET
29 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com