Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WAB-5120 Datasheet(PDF) 2 Page - Level One

Part # WAB-5120
Description  300Mbps 5G Wireless Outdoor PoE Access Point / Bridge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

WAB-5120 Datasheet(HTML) 2 Page - Level One

  WAB-5120 Datasheet HTML 1Page - Level One WAB-5120 Datasheet HTML 2Page - Level One WAB-5120 Datasheet HTML 3Page - Level One WAB-5120 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wireless Bridges/Access Points
www.level1.com
I one world_one brand_one level_

Technical Specification
Standard Compliance
IEEE 802.3u MDI / MDIX 10/100 Fast Ethernet
IEEE 802.11a wireless LAN interface
IEEE 802.11n wireless LAN standard
Power Consumption
Main device only
-15VDC @ 800mA (full range switching)
Main device + PoE out (recommend)
-15VDC @2000mA (full range switching)
Radio
Antenna:
Default embedded 2T2R 16dBi dual-polarity directional
antenna
Reverse SMA-type Connector (Plug)
*Switchable by SW
Output Power * Band edge exclusive
(Controllable for different country regulations)
IEEE 802.11a:
24dBm @ 24Mbps
IEEE 802.11an (HT20): 23dBm @MCS0/8
IEEE 802.11an (HT40): 23dBm @MCS0/8
Sensitivity:
IEEE 802.11a:
-89dBm @ 6Mbps
IEEE 802.11an (HT20): -89dBm @ MCS0
IEEE 802.11an (HT40): -85dBm @ MCS0
Operating Frequency
FCC : * 5725-5850 MHz
CE: 5470-5725 MHz (DFS band)
Data Rate
802.11a:
54M/48M/36M/24M/18M/12M/9/6 Mbps auto fallback
802.11n:
HT20 MCS0~15 (GI=800ns or GI=400ns)
HT40 MCS0~15 (GI=800ns or GI=400ns)
Modulation:
IEEE 802.11a: OFDM
IEEE 802.11an: OFDM
Software Specification
Operation Mode:
AP, Client, WDS, AP Repeater, AP Router
Security:
WEP 64,128, 152-bit, WPA/WPA2, WPA-PSK/WPA2-PSK, 802.1X
Authentication
Management:
Telnet, FTP, SNMP, Password Changes, Firmware updates,
Configuration Files
Advance Settings:
WMM Mode, Output Power Control, Fragmentation Length,
Beacon Interval,
RTS/CTS threshold, DTIM Interval, Space-in-meter, Channel
mode, HT protect, IGMP snooping, Preamble Type, Short GI,
Extension channel protection mode, Link Integration, RIFS,
Max. Station Number, Flow control
Physical Specification
Dimension
255.6mm(L)×110.98mm(W) ×47.65mm(H)
Weight
<600g
Enclosure
High Reliable Waterproof IP55 Enclosure
Environment Specification
Temperature (Ambient)
Operating -20 ~ 70 °C
Storage -30 ~ 80 °C
Humidity (non-condensing)
Operating 10 ~ 95%
Storage 5 ~ 95%
* IEEE 802.11 a/n 5G devices cannot compatible with
IEEE 802.11 b/g/n 2.4G devices.


Similar Part No. - WAB-5120

ManufacturerPart #DatasheetDescription
logo
Level One
WAB-6120 LVL1-WAB-6120 Datasheet
406Kb / 3P
   150Mbps Wireless Outdoor PoE Access Point
More results

Similar Description - WAB-5120

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6110 LVL1-WAP-6110 Datasheet
420Kb / 4P
   300Mbps Wireless PoE Access Point
EAP-200 LVL1-EAP-200 Datasheet
701Kb / 3P
   300Mbps Wireless Dual-PoE Managed Access Point
WAB-6120 LVL1-WAB-6120 Datasheet
406Kb / 3P
   150Mbps Wireless Outdoor PoE Access Point
WAP-8122 LVL1-WAP-8122 Datasheet
537Kb / 4P
   Dual Band PoE Wireless Access Point
WAP-8111 LVL1-WAP-8111 Datasheet
481Kb / 4P
   Dual Band PoE Wireless Access Point
logo
Weidmuller
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
   Wireless Access Point/Bridge/Client
2536680000 WEIDMULLER-2536680000 Datasheet
242Kb / 5P
   Wireless Access Point/Bridge/Client
2536690000 WEIDMULLER-2536690000 Datasheet
242Kb / 5P
   Wireless Access Point/Bridge/Client
2536710000 WEIDMULLER-2536710000 Datasheet
242Kb / 5P
   Wireless Access Point/Bridge/Client
logo
ORing Industrial Networ...
IAP-W520 ORING-IAP-W520 Datasheet
420Kb / 4P
   Industrial outdoor IEEE 802.11 a/n wireless access point
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com