Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1836EUT50 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1836EUT50
Description  24V Internal Switch, 100% Duty Cycle, Step-Down Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1836EUT50 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1836EUT50 Datasheet HTML 1Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 2Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 3Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 4Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 5Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 6Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 7Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 8Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX1836/MAX1837 high-efficiency step-down
converters provide a preset 3.3V or 5V output voltage
from supply voltages as high as 24V. Using external
feedback resistors, the output voltage may be adjusted
from 1.25V to VIN. An internal current-limited switching
MOSFET delivers load currents up to 125mA
(MAX1836) or 250mA (MAX1837).
The unique current-limited control scheme, operating
with duty cycles up to 100%, minimizes the dropout
voltage (120mV at 100mA). Additionally, this control
scheme reduces supply current under light loads to
12µA. High switching frequencies allow the use of tiny
surface-mount inductors and output capacitors.
The MAX1836/MAX1837 step-down converters with
internal switching MOSFETs are available in a 6-pin
SOT23 package, making them ideal for low-cost, low-
power, space-sensitive applications. For increased out-
put drive capability, use the MAX1776 step-down
converter that uses an internal 24V switch to deliver up
to 500mA. For even higher currents, use the MAX1626/
MAX1627 step-down controllers that drive an external
P-channel MOSFET to deliver up to 20W.
________________________Applications
9V Battery Systems
Notebook Computers
Distributed Power Systems
Backup Supplies
4mA to 20mA Loop Power Supplies
Industrial Control Supplies
Hand-Held Devices
____________________________Features
o 4.5V to 24V Input Voltage Range
o Preset 3.3V or 5V Output
o Adjustable Output from 1.25V to VIN
o Output Currents Up to 125mA (MAX1836) or
250mA (MAX1837)
o Internal P-Channel MOSFET
o Efficiency Over 90%
o 12µA Quiescent Current
o 3µA Shutdown Current
o 100% Maximum Duty Cycle for Low Dropout
o Current-Limiting and Overtemperature Protection
o Small 6-Pin SOT23 Package
24V Internal Switch, 100% Duty Cycle,
Step-Down Converters
________________________________________________________________ Maxim Integrated Products
1
19-1919; Rev 1; 01/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
PRESET OUTPUT
VOLTAGE (V)
LOAD
CURRENT (mA)
MAX1836EUT50
5
125
MAX1836EUT33
3.3
125
MAX1837EUT50
5
250
MAX1837EUT33
3.3
250
Selector Guide
MAX1836
MAX1837
IN
GND
LX
SHDN
FB
OUT
NOTE: HIGH-CURRENT PATHS SHOWN WITH BOLD LINES.
OUTPUT
3.3V OR 5V
INPUT
4.5V TO 24V
Typical Operating Circuit
GND
LX
IN
16
OUT
5
SHDN
FB
MAX1836
MAX1837
SOT23
TOP VIEW
2
34
Pin Configuration
Note: The MAX1836/MAX1837 require special solder tempera-
ture profile described in the Absolute Maximum Ratings.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX1836EUT50-T
-40°C to +85°C
6 SOT23-6
AANW
MAX1836EUT33-T
-40°C to +85°C
6 SOT23-6
AANY
MAX1837EUT50-T
-40°C to +85°C
6 SOT23-6
AANX
MAX1837EUT33-T
-40°C to +85°C
6 SOT23-6
AANZ
Ordering Information


Similar Part No. - MAX1836EUT50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1836EUT50-T MAXIM-MAX1836EUT50-T Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
More results

Similar Description - MAX1836EUT50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836_V01 Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1776 MAXIM-MAX1776 Datasheet
740Kb / 13P
   24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter
19-1975; Rev 2; 7/03
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430 Datasheet
160Kb / 9P
   Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
   Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
   Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com