Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WAP-6202 Datasheet(PDF) 1 Page - Level One

Part # WAP-6202
Description  Managed Wall Mount Wireless Access Point
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

WAP-6202 Datasheet(HTML) 1 Page - Level One

  WAP-6202 Datasheet HTML 1Page - Level One WAP-6202 Datasheet HTML 2Page - Level One WAP-6202 Datasheet HTML 3Page - Level One WAP-6202 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WAP-6202 하드웨어 버전: 1
Managed Wall Mount Wireless Access Point, 300Mbps
802.11b/g/n, 802.3af PoE, In-Wall Mounted
The LevelOne WAP-6202 is a superior quality Wi-Fi access point delivering ultra high-speed connectivity and
extended coverage. The device can be configured to work independently in Fat mode, or as part of a centrally managed
network in Fit mode. The device is PoE, so does not need to be placed near a power source. Designed to be mounted on
a wall, the stylish low profile and front port access compliments the device’s powerful performance, and a built-in USB
port allows easy storage and transfer of data.
Key Features
- 무선 네트워크를 최대 150Mbps로 공유
- IEEE 802.11b/g/n 무선 표준과 호환 가능
- 보안 레벨이 높은 IEEE 802.1X를 사용한 WEP, WPA 및 WPA2 암호화 지원
- 네트워크 트래픽을 분리하고 보안을 개선하기 위해 최대 4대의 4 SSID 제공
- Multi-operation modes to suite different wireless applications
- 배치 및 설치를 간편화하기 위해 IEEE 802.3af PoE 준수
- Works in either Fat or Fit mode
- Fit mode for WLAN controller management
- In-wall mounted design fits standard 86x86mm socket
제품사양
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.11e Wi-Fi Multimedia (WMM)
IEEE 802.3x Ethernet Flow Control
IEEE 802.11i Wi-Fi Protected Access (WPA2)
IEEE 802.11b, IEEE 802.11g, IEEE 802.11n Wireless Networking
IEEE 802.3 af Power over Ethernet
www.level1.com
Page 1 of 4


Similar Part No. - WAP-6202

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6201 LVL1-WAP-6201 Datasheet
391Kb / 3P
   Managed Wall Mount Wireless Access Point, 802.3af
More results

Similar Description - WAP-6202

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6201 LVL1-WAP-6201 Datasheet
391Kb / 3P
   Managed Wall Mount Wireless Access Point, 802.3af
WAP-6111H LVL1-WAP-6111H Datasheet
439Kb / 4P
   Managed Ceiling Mount Wireless Access Point
EAP-200 LVL1-EAP-200 Datasheet
701Kb / 3P
   300Mbps Wireless Dual-PoE Managed Access Point
WAP-6112 LVL1-WAP-6112 Datasheet
439Kb / 4P
   Managed Ceiling Mount Gigabit Wireless Access
logo
Weidmuller
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
   11g Wireless Access Point
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
   Wireless Access Point/Bridge/Client
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com