Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1858A Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1858A
Description  Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1858A Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1858A Datasheet HTML 6Page - Maxim Integrated Products MAX1858A Datasheet HTML 7Page - Maxim Integrated Products MAX1858A Datasheet HTML 8Page - Maxim Integrated Products MAX1858A Datasheet HTML 9Page - Maxim Integrated Products MAX1858A Datasheet HTML 10Page - Maxim Integrated Products MAX1858A Datasheet HTML 11Page - Maxim Integrated Products MAX1858A Datasheet HTML 12Page - Maxim Integrated Products MAX1858A Datasheet HTML 13Page - Maxim Integrated Products MAX1858A Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Dual 180° Out-of-Phase Buck Controllers with
Sequencing/Prebias Startup and POR
10
______________________________________________________________________________________
O
N
M
DH_
DL_
MAX1875A/MAX1876A POWER-ON-OFF SEQUENCING DEFINITIONS
SYMBOL
DEFINITION
SS_
VOUT_
EN
VL
UVLO
A
B
C
D
E
F
G
HI
J
K
L
Undervoltage lockout trip level is provided in the Electrical Characteristics table.
Internal 5V Linear-Regulator Output
Active-High Enable Input
Output Voltage
Internal Soft-Start Input Signal into Error Amplifier
High-Side Gate-Driver Output
Low-Side Gate-Driver Output
VL rising while below the UVLO threshold. EN is low.
VL is greater than the UVLO threshold. EN is low.
EN is pulled high.
Normal operation
VL enters UVLO.
VL exits UVLO.
Resumes normal operation
EN is pulled low.
EN is pulled high.
Resumes normal operation
VL drops below UVLO threshold while EN is high.
Resumes normal operation
UVLO is activated and DL_ is latched low.
Exiting UVLO: DL_ remains latched low until the first fall of DH_ is detected.
DL_ is low after EN is pulled low.
UVLO
VL
EN
VOUT_
SS_
DH_
DL_
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
Figure 3. MAX1875A/MAX1876A Detailed Power-On-Off Sequencing


Similar Part No. - MAX1858A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
MAX1858EEG MAXIM-MAX1858EEG Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
More results

Similar Description - MAX1858A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
logo
Renesas Technology Corp
ISL6442 RENESAS-ISL6442 Datasheet
784Kb / 17P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Intersil Corporation
ISL6442 INTERSIL-ISL6442 Datasheet
313Kb / 16P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
ISL6446 INTERSIL-ISL6446 Datasheet
1Mb / 20P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
ISL6446IAZ-TK INTERSIL-ISL6446IAZ-TK Datasheet
1Mb / 19P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX8543-MAX8544 MAXIM-MAX8543-MAX8544 Datasheet
399Kb / 27P
   Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Rev 0; 5/04
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
   1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com