Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRS2191S Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRS2191S
Description  Floating channel designed for bootstrap operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2191S Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRS2191S Datasheet HTML 3Page - International Rectifier AUIRS2191S Datasheet HTML 4Page - International Rectifier AUIRS2191S Datasheet HTML 5Page - International Rectifier AUIRS2191S Datasheet HTML 6Page - International Rectifier AUIRS2191S Datasheet HTML 7Page - International Rectifier AUIRS2191S Datasheet HTML 8Page - International Rectifier AUIRS2191S Datasheet HTML 9Page - International Rectifier AUIRS2191S Datasheet HTML 10Page - International Rectifier AUIRS2191S Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AUIRS2191S
7
www.irf.com
© 2012 International Rectifier
Submit Datasheet Feedback
November 18, 2013
tOFF
Turn-off propagation delay
50
90
175
VS = 0V or 600V
tR
Turn-on rise time
5
15
60
tF
Turn-off fall time
5
15
60
MT
Delay matching, HS & LS turn-on/off
---
---
25
Functional Block Diagram
UV
DETECT
PULSE
GENERATOR
VSS/COM
LEVEL
SHIFT
PULSE
FILTER
HV
LEVEL
SHIFTER
Q
VS
HO
VB
S
R
R
VSS/COM
LEVEL
SHIFT
UV
DETECT
DELAY
VCC
LO
COM
HIN
LIN
Q
VSS


Similar Part No. - AUIRS2191S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S Datasheet
283Kb / 19P
   High power DC-DC SMPS converters
logo
Infineon Technologies A...
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
More results

Similar Description - AUIRS2191S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
IR2010PBF IRF-IR2010PBF_15 Datasheet
2Mb / 20P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com