Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRS2332J Datasheet(PDF) 6 Page - International Rectifier

Part # AUIRS2332J
Description  Floating channel designed for bootstrap operation
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2332J Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIRS2332J_15 Datasheet HTML 2Page - International Rectifier AUIRS2332J_15 Datasheet HTML 3Page - International Rectifier AUIRS2332J_15 Datasheet HTML 4Page - International Rectifier AUIRS2332J_15 Datasheet HTML 5Page - International Rectifier AUIRS2332J_15 Datasheet HTML 6Page - International Rectifier AUIRS2332J_15 Datasheet HTML 7Page - International Rectifier AUIRS2332J_15 Datasheet HTML 8Page - International Rectifier AUIRS2332J_15 Datasheet HTML 9Page - International Rectifier AUIRS2332J_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AUIRS2332J
6
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute voltage referenced to VSO. The VS offset rating is
tested with all supplies biased at 15V differential.
Note 1: Logic operational for VS of (VSO -8 V) to (VSO +600 V). Logic state held for VS of (VSO -8 V) to (VSO – VBS).
Note 2: Operational for transient negative VS of VSS - 50 V with a 50 ns pulse width. Guaranteed by design. Refer
to the Application Information section of this datasheet for more details.
Note 3: CAO input pin is internally clamped with a 5.2 V zener diode.
Dynamic Electrical Characteristics
Unless otherwise noted, these specifications apply for an operating junction temperature range of -40°C
Tj
≤125°C with bias conditions VBIAS (VCC, VBS1,2,3) = 15 V, CL = 1000 pF.
Symbol
Definition
Min Typ Max Units
Test Conditions
ton
Turn-on propagation delay
400
540
700
ns
VS1,2,3 = 0 V to 600 V
toff
Turn-off propagation delay
400
540
700
t r
Turn-on rise time
80
145
VS1,2,3 = 0 V
t f
Turn-off fall time
40
55
titrip
ITRIP to Output Shutdown Propagation
delay
400
625
920
tbl
ITRIP Blanking Time
400
tflt
ITRIP to FAULT Indication Delay
350
550
870
tflt, in
Input Filter Time (All Six Inputs)
325
tfltclr
LIN1,2,3 to FAULT Clear Time
5300 8500 13700
DT
Deadtime:
500
850
1100
VIN = 0 V & 5 V without
external deadtime
MDT
Deadtime matching:
145
MT
Delay matching time (t ON , t OFF)
50
VIN = 0 V & 5 V without
external deadtime larger than DT
PM
Pulse width distortion
75
PM input 10 µs
SR+
Operational Amplifier Slew Rate (+)
5
10
V/µs
1 V input step
SR-
Operational Amplifier Slew Rate (-)
2.4
3.2
1 V input step
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High Side Floating Supply Voltage
VS1,2,3 +10
VS1,2,3 +20
V
VS1,2,3
Static High side floating offset voltage
VSO-8 (Note1)
600
VSt1,2,3
Transient High side floating offset voltage
-50 (Note2)
600
VHO1,2,3
High Side Floating Output Voltage
VS1,2,3
VB1,2,3
VCC
Low Side and Logic Fixed Supply Voltage
10
20
VSS
Logic Ground
-5
5
VLO1,2,3
Low Side Output Voltage
0
VCC
VIN
Logic Input Voltage (HIN1,2,3, LIN1,2,3 & ITRIP)
VSS
VSS + 5
VFLT
FAULT Output Voltage
VSS
VCC
VCAO
Operational Amplifier Output Voltage
VSS
VSS + 5
VCA-
Operational Amplifier Inverting Input Voltage
VSS
VSS + 5
TA
Ambient temperature
-40
125
°C


Similar Part No. - AUIRS2332J_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2334S IRF-AUIRS2334S Datasheet
673Kb / 29P
   Floating channel designed for bootstrap operation
AUIRS2334S IRF-AUIRS2334S_15 Datasheet
673Kb / 29P
   Floating channel designed for bootstrap operation
AUIRS2336S IRF-AUIRS2336S Datasheet
665Kb / 37P
   3-PHASE BRIDGE DRIVER IC
AUIRS2336S IRF-AUIRS2336S Datasheet
665Kb / 37P
   Drives up to six IGBT/MOSFET power devices
logo
Infineon Technologies A...
AUIRS2336S INFINEON-AUIRS2336S Datasheet
665Kb / 37P
   3-PHASE BRIDGE DRIVER IC
October 11, 2010
More results

Similar Description - AUIRS2332J_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
IR2010PBF IRF-IR2010PBF_15 Datasheet
2Mb / 20P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com