Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1858AEEG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1858AEEG
Description  Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1858AEEG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1858AEEG Datasheet HTML 1Page - Maxim Integrated Products MAX1858AEEG Datasheet HTML 2Page - Maxim Integrated Products MAX1858AEEG Datasheet HTML 3Page - Maxim Integrated Products MAX1858AEEG Datasheet HTML 4Page - Maxim Integrated Products MAX1858AEEG Datasheet HTML 5Page - Maxim Integrated Products MAX1858AEEG Datasheet HTML 6Page - Maxim Integrated Products MAX1858AEEG Datasheet HTML 7Page - Maxim Integrated Products MAX1858AEEG Datasheet HTML 8Page - Maxim Integrated Products MAX1858AEEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Dual 180° Out-of-Phase Buck Controllers with
Sequencing/Prebias Startup and POR
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 12V, EN = ILIM_ = VL, SYNC = GND, IVL = 0mA, PGND = GND, CREF = 0.22µF, CVL = 4.7µF (ceramic), ROSC = 60k
Ω,
compensation components for COMP_ are from Figure 1, TA = -40°C to +85°C (Note 1), unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Range
Switching frequency must be set to half of the SYNC
frequency
200
1200
kHz
High
100
SYNC Input Pulse Width
(Note 4)
Low
100
ns
SYNC Rise/Fall Time
(Note 4)
100
ns
ERROR AMPLIFIER
FB_ Input Bias Current
250
nA
0°C to +85°C
0.985
1.00
1.015
FB_ Input Voltage Set Point
-40°C to +85°C
0.98
1.00
1.02
V
0°C to +85°C
1.25
1.8
2.70
FB_ to COMP_ Transconductance
-40°C to +85°C
1.2
1.8
2.9
mS
DRIVERS
DL_, DH_ Break-Before-Make Time
CLOAD = 5nF
30
ns
Low
1.5
2.5
DH_ On-Resistance
High
3
5
Low
0.6
1.5
DL_ On-Resistance
High
3
5
LOGIC INPUTS (EN, SYNC)
Input Low Level
Typical 15% hysteresis, VL = 4.5V
0.8
V
Input High Level
VL = 5.5V
2.4
V
Input High/Low Bias Current
VEN = 0 or 5.5V
-1
+0.1
+1
µA
LOGIC OUTPUTS (CKO)
Output Low Level
VL = 5V, sinking 5mA
0.4
V
Output High Level
VL = 5V, sourcing 5mA
4.0
V
COMP_
Pulldown Resistance During
Shutdown and Current Limit
17
RST OUTPUT (MAX1858A/MAX1876A ONLY)
Output-Voltage Trip Level
Both FBs must be over this to allow the reset timer to
start; there is no hysteresis
0.87
0.9
0.93
V
VL = 5V, sinking 3.2mA
0.4
Output Low Level
VL = 1V, sinking 0.4mA
0.3
V
Output Leakage
V+ = VL = 5V, V RST = 5.5V, VFB = 1V
1
µA
Reset Timeout Period
VFB_ = 1V
140
315
560
ms
FB_ to Reset Delay
FB_ overdrive from 1V to 0.85V
4
µs
Note 1: Specifications to -40°C are guaranteed by design and not production tested.
Note 2: Operating supply range is guaranteed by VL line regulation test. Connect V+ to VL for 5V operation.
Note 3: When VL falls and UVLO is tripped, the device is latched and VL must be discharged below 2.5V before normal operation
can resume.
Note 4: Guaranteed by design and not production tested.


Similar Part No. - MAX1858AEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
MAX1858EEG MAXIM-MAX1858EEG Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
More results

Similar Description - MAX1858AEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
logo
Renesas Technology Corp
ISL6442 RENESAS-ISL6442 Datasheet
784Kb / 17P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Intersil Corporation
ISL6442 INTERSIL-ISL6442 Datasheet
313Kb / 16P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
ISL6446 INTERSIL-ISL6446 Datasheet
1Mb / 20P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
ISL6446IAZ-TK INTERSIL-ISL6446IAZ-TK Datasheet
1Mb / 19P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX8543-MAX8544 MAXIM-MAX8543-MAX8544 Datasheet
399Kb / 27P
   Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Rev 0; 5/04
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
   1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com