Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC_AHCT1G125 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC_AHCT1G125
Description  Bus buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT1G125 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC_AHCT1G125_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT1G125_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT1G125_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT1G125_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT1G125_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT1G125_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT1G125_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT1G125_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT1G125_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74AHC_AHCT1G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 23 August 2012
6 of 17
NXP Semiconductors
74AHC1G125; 74AHCT1G125
Bus buffer/line driver; 3-state
ten
enable time
OE to Y; see Figure 8
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
5.0
8.0
1.0
9.5
1.0
11.5
ns
CL = 50 pF
-
6.9
11.5
1.0
13.0
1.0
14.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.6
5.1
1.0
6.0
1.0
6.5
ns
CL = 50 pF
-
4.9
7.5
1.0
8.5
1.0
9.5
ns
tdis
disable time
OE to Y; see Figure 8
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
6.0
9.7
1.0
11.5
1.0
12.5
ns
CL = 50 pF
-
8.3
13.2
1.0
15.0
1.0
16.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
4.1
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
5.7
8.8
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF; f = 1 MHz;
VI =GND to VCC
[4]
-9-
-
-
-
-
pF
74AHCT1G125
tpd
propagation
delay
AtoY; see Figure 7
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.4
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
4.8
7.5
1.0
8.5
1.0
9.5
ns
ten
enable time
OE to Y; see Figure 8
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.9
5.1
1.0
6.0
1.0
6.5
ns
CL = 50 pF
-
5.1
7.5
1.0
8.5
1.0
9.5
ns
tdis
disable time
OE to Y; see Figure 8
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
4.5
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
6.1
8.8
1.0
10.0
1.0
11.0
ns
Table 8.
Dynamic characteristics …continued
GND = 0 V; For test circuit see Figure 9.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Similar Part No. - 74AHC_AHCT1G125_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
More results

Similar Description - 74AHC_AHCT1G125_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com