Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1864TEEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1864TEEE
Description  xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1864TEEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1864TEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 9Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 10Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 11Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 12Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
xDSL/Cable Modem Triple/Quintuple Output
Power Supplies
_______________________________________________________________________________________
9
Pin Description
PIN
MAX1864
MAX1865
NAME
FUNCTION
1
1
POK
Open-Drain Power-Good Output. POK is low when the output voltage is more than
10% below the regulation point. POK is high impedance when the output is in
regulation. Connect a resistor between POK and VL for logic-level voltages.
2
2
COMP
Compensation Pin. Connect a series RC to GND to compensate the control loop.
Typical values are 47k
Ω and 8.2nF.
3
3
OUT
Regulated Output Voltage High-Impedance Sense Input. Internally connected to a
resistive-divider and negative gain block (MAX1865).
44
FB
Dual-Mode Switching-Regulator Feedback Input. Connect to GND for the preset 3.3V
output. Connect to a resistive-divider from output to FB to GND to adjust the output
voltage between 1.236V and 0.8
VIN. The feedback set point is 1.236V.
55
B2
Open-Drain Output PNP Transistor Driver (Regulator #2). Internally connected to the
drain of a DMOS. B2 connects to the base of an external PNP pass transistor to form a
positive linear regulator.
6
6
FB2
Analog Gain-Block Feedback Input (Regulator #2). Connect to a resistive-divider
between the positive linear regulator’s output and GND to adjust the output voltage.
The feedback set point is 1.24V.
77
B3
Open-Drain Output PNP Transistor Driver (Regulator #3). Internally connected to the
drain of a DMOS. B3 connects to the base of an external PNP pass transistor to form a
positive linear regulator.
8
8
FB3
Analog Gain-Block Feedback Input (Regulator #3). Connect to a resistive-divider
between the positive linear regulator’s output and GND to adjust the output voltage.
The feedback set point is 1.24V.
9B4
Open-Drain Output PNP Transistor Driver (Regulator #4). Internally connected to the
drain of a DMOS. B4 connects to the base of an external PNP pass transistor to form a
positive linear regulator.
10
FB4
Analog Gain-Block Feedback Input (Regulator #4). Connect to a resistive-divider
between the positive linear regulator’s output and GND to adjust the output voltage.
The feedback set point is 1.24V.
11
B5
Open-Drain Output NPN Transistor Driver (Regulator #5). Internally connected to the
drain of a P-channel MOSFET. B5 connects to the base of an external NPN pass
transistor to form a negative linear regulator.
12
FB5
Analog Gain-Block Feedback Input (Regulator #5). Connect to a resistive-divider
between the negative linear regulator’s output and a positive reference voltage,
typically one of the positive linear regulator outputs, to adjust the output voltage. The
feedback set point is at GND.


Similar Part No. - MAX1864TEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186 Datasheet
627Kb / 18P
   Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
Rev. 2; 6/08
MAX186ACAP MAXIM-MAX186ACAP Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186ACPP MAXIM-MAX186ACPP Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186ACWP MAXIM-MAX186ACWP Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
More results

Similar Description - MAX1864TEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
logo
B&K Precision Corporati...
1670A BK-1670A Datasheet
427Kb / 1P
   Triple Output DC Power Supplies
1651A BK-1651A Datasheet
830Kb / 1P
   Triple Output DC Power Supplies
1760A BK-1760A Datasheet
521Kb / 1P
   Triple Output DC Power Supplies
1672 BK-1672 Datasheet
1Mb / 3P
   Triple Output DC Power Supplies
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
B&K Precision Corporati...
9130B BK-9130B Datasheet
511Kb / 4P
   Programmable Triple Output DC Power Supplies
logo
SL Power Electronics
FLU3-100 SLPOWER-FLU3-100 Datasheet
484Kb / 4P
   100W TRIPLE OUTPUT SWITCHING POWER SUPPLIES
logo
B&K Precision Corporati...
9140 BK-9140 Datasheet
2Mb / 7P
   Triple Output Multi-Range DC Power Supplies
logo
SL Power Electronics
CINT3110 SLPOWER-CINT3110_14 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com