Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC_AHCT164 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHC_AHCT164
Description  8-bit serial-in/parallel-out shift register
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT164 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC_AHCT164_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT164_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT164_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT164_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT164_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT164_15 Datasheet HTML 10Page - NXP Semiconductors 74AHC_AHCT164_15 Datasheet HTML 11Page - NXP Semiconductors 74AHC_AHCT164_15 Datasheet HTML 12Page - NXP Semiconductors 74AHC_AHCT164_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74AHC_AHCT164_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 24 April 2008
9 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
tpd is the same as tPHL only.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
trec
recovery
time
MR to CP; see Figure 8
VCC = 3.0 V to 3.6 V
2.5
-
-
2.5
-
2.5
-
ns
VCC = 4.5 V to 5.5 V
2.5
-
-
2.5
-
2.5
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[4]
-48
-
-
-
-
-
pF
74AHCT164; VCC = 4.5 V to 5.5 V
tpd
propagation
delay
CP to Qn; see Figure 7
[2]
CL = 15 pF
-
3.4
9.0
1.0
10.5
1.0
11.5
ns
CL = 50 pF
-
4.9
11.0
1.0
12.5
1.0
14.0
ns
MR to Qn; see Figure 8
[3]
CL = 15 pF
-
3.5
8.6
1.0
10.0
1.0
11.0
ns
CL = 50 pF
-
5.0
10.6
1.0
12.0
1.0
13.5
ns
fmax
maximum
frequency
see Figure 7
CL = 15 pF
125
175
-
105
-
85
-
MHz
CL = 50 pF
85
115
-
75
-
65
-
MHz
tW
pulse width
CP HIGH or LOW;
see Figure 7
5.0
-
-
5.0
-
5.0
-
ns
tWL
pulse width
LOW
MR; see Figure 8
5.0
-
-
5.0
-
5.0
-
ns
tsu
set-up time
DSA, DSB to CP;
see Figure 9
4.5
-
-
4.5
-
4.5
-
ns
th
hold time
DSA, DSB to CP;
see Figure 9
2.0
-
-
2.0
-
2.0
-
ns
trec
recovery
time
MR to CP; see Figure 8
2.5
-
-
2.5
-
2.5
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[4]
-51
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Similar Part No. - 74AHC_AHCT164_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74AHC_AHCT125 PHILIPS-74AHC_AHCT125_15 Datasheet
100Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
74AHC_AHCT132 PHILIPS-74AHC_AHCT132_15 Datasheet
126Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 06-4 May 2009
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
More results

Similar Description - 74AHC_AHCT164_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com